Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5902PZP Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC5902PZP
Description  LED DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5902PZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5902PZP Datasheet HTML 13Page - Texas Instruments TLC5902PZP Datasheet HTML 14Page - Texas Instruments TLC5902PZP Datasheet HTML 15Page - Texas Instruments TLC5902PZP Datasheet HTML 16Page - Texas Instruments TLC5902PZP Datasheet HTML 17Page - Texas Instruments TLC5902PZP Datasheet HTML 18Page - Texas Instruments TLC5902PZP Datasheet HTML 19Page - Texas Instruments TLC5902PZP Datasheet HTML 20Page - Texas Instruments TLC5902PZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
0
10
20
30
40
50
60
70
80
90
0.1
1
10
NOTE: The output current is at 16 bit output.
When 8-bit output, it will be the current of sum of two
outputs. This sum current should be set up with the range
of 10 mA to 120 mA. The resistor, RIRF, should be located
as close as possible to IREF terminal to eliminate the noise
influence.
Conditions : V
O + 1V, V(IREF) + 1.24 V
I
OL(C)(mA) 0
V
(IREF)(V)
R
(IREF)(kW
38
R
(IREF)(kW) 0
47
I
OL(C)(mA)
R(IREF) – kΩ
Figure 4. Current on Constant Current Output vs External Resistor
RIREF = 4.70 k
0
1.0
0.2
0
0.4
0.6
0.8
100
10
0.1
0.3
0.5
0.7
0.9
20
30
40
50
60
70
80
90
RIREF = 2.35 k
RIREF = 1.57 k
RIREF = 1.18 k
RIREF = 940
RIREF = 780
RIREF = 670
R
IREF = 590
Minimum voltage applied
VO – Output Voltage –V
NOTE: VCCLOG = VCCANA = PVCC = 5 V, TA = 25°C.
Figure 5. Current on Constant Current Output vs Voltage Applied To Constant Current Output Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com