Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805USBF Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0805USBF
Description  Low Profile USB Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805USBF Datasheet(HTML) 1 Page - Coilcraft lnc.

  0805USBF Datasheet HTML 1Page - Coilcraft lnc. 0805USBF Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0.055
1,40
max
0.050
1,27
±0.004
±0,10
0.018
0,46
0.030
0,76
0.040
1,02
0.036
0,91
0.020
0,51
0.020
0,51
0.014
0,36
0.004
0,10
Recommended
Land Pattern
0.080 ±0.004
2,03 ±0,10
12
43
1
2
4
3
LowProfileUSBCommonModeChoke 0805
Document 1270-1
Document 1270-1 Revised 03/31/16
Common mode
Common mode
impedance typ (Ohms)
attenuation typ (dB)
Inductance2 DCR max3 Isolation Irms4
Part number1
10 MHz 100 MHz 500 MHz
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
0805USBF-421MR_
10
40
65
0.5
4.6
6.9
28
0.11
250
500
0805USBF-901MR_
25
95
140
2.1
9.1
11.8
60
0.14
250
500
0805USBF-172MR_
35
165
255
4.0
12.8
15.7
101
0.22
250
500
0805USBF-262MR_
55
250
400
5.7
15.4
18.5
165
0.235
250
500
0805USBF-372MR_
105
400
580
5.8
18.1
22.3
241
0.27
250
500
0805USBF-502MR_
145
545
800
11.2
21.6
25.2
315
0.32
250
500
0805USBF-672MR_
160
670
1090
11.3
23.3
27.7
434
0.37
250
450
0805USBF-902MR_
200
900
1400
12.6
25.4
30.0
560
0.63
250
350
1. When ordering, please specify
packaging code:
0805USBF-902MRC
Packaging:C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plas-
tic tape (7500 parts per full reel).
2. Inductance measured at 100 MHz using an Agilent/HP 4286A
impedance analyzer and a Coilcraft SMD-A fixture.
3. DCR is specified per winding.
4. Current that causes a 15°C temperature rise from 25°C ambient.
This information is for reference only and does not represent abso-
lute maximum ratings.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
3
4
2
1
Core material Ferrite
Environmental RoHS compliant
Terminations Matte tin over nickel over silver-platinum-glass frit.
Weight 14.7 – 15.5 mg
Ambient temperature –40°C to +125°C with
Irms current.
Maximum part temperature 140°C
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel; Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.295 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Dimensions are in
inches
mm
• For noise suppression in super high speed signal lines: USB
3.x, HDMI 2.0, HDBaseT™, DisplayPort, DVI, etc.; and in high
speed differential signal lines: USB 2.0, IEEE1394, LVDS, etc.
• Suitable for USB-type C specification 1.0
• Up to 6 GHz differential mode 3 dB cutoff frequency; up to
30 dB common mode noise attenuation in GHz range


Similar Part No. - 0805USBF

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805USB COILCRAFT-0805USB Datasheet
386Kb / 2P
USB 2.0 Common Mode Choke
logo
List of Unclassifed Man...
0805USB-172MB ETC2-0805USB-172MB Datasheet
103Kb / 2P
USB 2.0 Common Mode Filter
logo
Coilcraft lnc.
0805USB-172ML COILCRAFT-0805USB-172ML Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
0805USB-172MLD COILCRAFT-0805USB-172MLD Datasheet
189Kb / 2P
USB 2.0 Common Mode Choke 0805
0805USB-172ML_ COILCRAFT-0805USB-172ML_ Datasheet
386Kb / 2P
USB 2.0 Common Mode Choke
More results

Similar Description - 0805USBF

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
1206 COILCRAFT-1206 Datasheet
231Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM05-600M-RC ALLIED-SCM05-600M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM10-300M-RC ALLIED-SCM10-300M-RC_11 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20-900M-RC ALLIED-SCM20-900M-RC_11 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
1206USB-113MLC COILCRAFT-1206USB-113MLC Datasheet
144Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM05 ALLIED-SCM05 Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM10 ALLIED-SCM10 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0805USB COILCRAFT-0805USB Datasheet
386Kb / 2P
USB 2.0 Common Mode Choke
0603USB COILCRAFT-0603USB Datasheet
155Kb / 2P
USB 3.0 Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com