Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS511G Datasheet(PDF) 5 Page - International Rectifier

Part # IPS511G
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS511G Datasheet(HTML) 5 Page - International Rectifier

  IPS511G Datasheet HTML 1Page - International Rectifier IPS511G Datasheet HTML 2Page - International Rectifier IPS511G Datasheet HTML 3Page - International Rectifier IPS511G Datasheet HTML 4Page - International Rectifier IPS511G Datasheet HTML 5Page - International Rectifier IPS511G Datasheet HTML 6Page - International Rectifier IPS511G Datasheet HTML 7Page - International Rectifier IPS511G Datasheet HTML 8Page - International Rectifier IPS511G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPS511G/IPS512G
www.irf.com
5
Functional Block Diagram
All values are typical
2.2 V
2.7 V
+
-
Level
shift
driver
Charge
pump
5 A
VCC
IN
50V
Over
Current
limit
VOUT
GND
DG
7 V
7 V
62 V
40
Ω
200 K
Ω
+
-
Under voltage
lock out
Open load
3 V
+
-
3 V
Tj
158°C
temperature
165°C
Short-circuit
Figure 1 - Active clamp waveforms
Figure 2 - Protection timing diagram
Tsd+
(160 ° )
Vin
Iout
Ilim.
T
5 V
0 V
Tsd-
T shutdown
limiting
cycling
Out
Vin
T clamp
V clamp
( + Vcc )
( see Appl . Notes to evaluate power dissipation )
0 V
Iout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com