Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805USB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0805USB
Description  USB 2.0 Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805USB Datasheet(HTML) 1 Page - Coilcraft lnc.

  0805USB Datasheet HTML 1Page - Coilcraft lnc. 0805USB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Weight 14.9 – 15.2 mg
Packaging 2000/7
″ reel; 7500/13″ reel; Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.5 mm pocket depth
USB2.0CommonModeChoke 0805
Document 306-1
Document 306-1 Revised 01/18/12
Eliminates virtually all common mode noise in high-speed, dif-
ferential mode signal transmission applications such as USB 2.0,
IEEE1394, HDMI and LVDS. Most provide >25 dB common
mode attenuation and >100 ohms impedance.
Common mode
Common mode
impedance typ (Ohms)
attenuation typ (dB)
Inductance2 DCR max3 Isolation Irms4
Part number1
10 MHz 100 MHz 500 MHz
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
0805USB-421ML_
14
42
70
1.1
2.3
8.4
23
0.12
250
500
0805USB-901ML_
28
90
154
1.4
4.2
16.9
47
0.17
250
500
0805USB-172ML_
57
170
303
2.3
6.7
22.0
84
0.25
250
500
0805USB-262ML_
85
260
435
3.0
8.6
27.8
147
0.26
250
500
0805USB-372ML_
118
370
641
4.5
11.9
34.3
189
0.32
250
500
0805USB-502ML_
148
500
945
4.9
14.5
31.3
273
0.37
250
500
0805USB-672ML_
246
670
1231
8.4
16.6
30.0
322
0.45
250
500
0805USB-902ML_
294
900
1715
8.7
18.7
30.5
413
0.65
250
400
1. When ordering, please specify
packaging code:
0805USB-902MLC
Packaging:C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plas-
tic tape (7500 parts per full reel).
2. Inductance measured at 100 MHz using an Agilent/HP 4286A
impedance analyzer and a Coilcraft SMD-A fixture.
3. DCR is specified per winding.
4. Current per winding that causes a 20°C rise from 25°C ambient.
5. Operating temperature range
−40°C to 85°C.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
0.065
1,65
max
0.050
1,27
±0.004
±0,10
0.018
0,46
0.030
0,76
0.040
1,02
0.036
0,91
0.020
0,51
0.020
0,51
0.014
0,36
0.004
0,10
Recommended
Land Pattern
0.080 ±0.004
2,03 ±0,10
12
43
1
2
4
3
3
4
2
1
Designer’s Kit C384 contains 10 each of all 0603USB, 0805USB
and 1206USB parts
Core material Ferrite
Environmental RoHS compliant, halogen free
Terminations Gold over nickel over silver-palladium-glass frit.
Ambient temperature –40°C to +85°C with
Irms current
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Dimensions are in
inches
mm


Similar Part No. - 0805USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805USB-172MB ETC2-0805USB-172MB Datasheet
103Kb / 2P
USB 2.0 Common Mode Filter
logo
Coilcraft lnc.
0805USB-172ML COILCRAFT-0805USB-172ML Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
0805USB-172MLD COILCRAFT-0805USB-172MLD Datasheet
189Kb / 2P
USB 2.0 Common Mode Choke 0805
logo
List of Unclassifed Man...
0805USB-262MB ETC2-0805USB-262MB Datasheet
103Kb / 2P
USB 2.0 Common Mode Filter
logo
Coilcraft lnc.
0805USB-262ML COILCRAFT-0805USB-262ML Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
More results

Similar Description - 0805USB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
1206 COILCRAFT-1206 Datasheet
231Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM05-600M-RC ALLIED-SCM05-600M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM10-300M-RC ALLIED-SCM10-300M-RC_11 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20-900M-RC ALLIED-SCM20-900M-RC_11 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0805USB-902MLB COILCRAFT-0805USB-902MLB Datasheet
189Kb / 2P
USB 2.0 Common Mode Choke 0805
1206USB-113MLC COILCRAFT-1206USB-113MLC Datasheet
144Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM10 ALLIED-SCM10 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20 ALLIED-SCM20 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0603USB COILCRAFT-0603USB Datasheet
155Kb / 2P
USB 3.0 Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com