Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603USB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603USB
Description  USB 3.0 Common Mode Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603USB Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603USB Datasheet HTML 1Page - Coilcraft lnc. 0603USB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
USB 3.0 Common Mode Choke — 0603
Document 406-2
Typical differential mode attenuation (Ref: 50 Ohms)
Typical impedance vs frequency
Typical common mode attenuation (Ref: 50 Ohms)
1
2
3
4
5
6
0
110
100
1000
10000
Frequency (MHz)
0
5
10
15
20
25
30
110
100
1000
10000
Frequency (MHz)
110
100
1000
10000
Frequency (MHz)
100
1000
10
1
0.1
-222
-142
-251
-951
-601
-222
-142
-251
-951
-601
-251
-601
-951
-142
-222
Document 406-2 Revised 07/20/10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com