Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF540 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBRF540
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBRF540 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBRF540 Datasheet HTML 1Page - Diode Semiconductor Korea MBRF540 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1000
120
100
80
40
20
100
10
1.0
0.1
0.01
60
140
0
TA=1 00 °
C
TA=25 °C
1.2
1.1
10
1.0
0.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
5.0
MBRF530---MBRF545
MBRF550---MBRF560
MBRF580---MBRF5100
1.0
2.0
3.0
4.0
5.0
25
50
125
175
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
200
75
150
100
6.0
0
125
1
10
100
100
75
50
25
150
TJ=TJmax.
8.3ms Single Half Sine Wave
(JEDEC Method)
MBRF530---MBRF5100
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC PERLEG
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PERLEG
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com