Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SL13
Description  For surface mounted applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SL13 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SL13 Datasheet HTML 1Page - Diode Semiconductor Korea SL13 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 2 — Maximum Non-Repetitive
Peak Forward Surge Current
Fig. 4 — Typical Reverse Current
Characteristics
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 — Typical Instantaneous
Forward Characteristics
Fig. 5 — Typical Junction Capacitance
Number of Cycles at 60HZ
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Fig. 1 — Forward Derating Curve
Lead Temperature (
°C)
50
60 70 80 90 100 110 120 130 140 150
0
0.5
1.0
1.5
2.0
160
1
10
100
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10.0
50
TJ = 125°C
TJ = 25°C
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
100
1000
0.1
1
10
100
5000
TA = 100°C
TA = 25°C
SL12- - -SL13
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com