Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RLX/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LP3952RLX/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RLX/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP3952RLX/NOPB Datasheet HTML 24Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 25Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 26Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 27Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 28Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 29Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 30Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 31Page - Texas Instruments LP3952RLX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
SDA
SCL
1
8
2
3
7
6
5
8
10
4
9
1
7
ack from slave
msb Chip Address lsb
ack from slave
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
ack from slave
ack from master
repeated start
data from slave
start
Id = 54h
w ack
addr = h00
ack
rs
r ack
Address 00h data
ack stop
msb Chip Address lsb
Id = 54h
start
SCL
SDA
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Figure 18. I2C Read Cycle
Figure 19. I2C Timing Diagram
I
2C Timing Parameters
VDD1,2 = 3.0 to 4.5V, VDD_IO = 1.65V to VDD1,2
Limit
Symbol
Parameter
Units
Min
Max
1
Hold Time (repeated) START Condition
0.6
μs
2
Clock Low Time
1.3
μs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time (Output direction, delay generated by LP3952)
300
900
ns
5
Data Hold Time (Input direction, delay generated by the Master)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20+0.1Cb
300
ns
8
Fall Time of SDA and SCL
15+0.1Cb
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
μs
Cb
Capacitive Load for Each Bus Line
10
200
pF
28
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com