Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7355 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7355
Description  Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7355 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7355_14 Datasheet HTML 1Page - Supertex, Inc HV7355_14 Datasheet HTML 2Page - Supertex, Inc HV7355_14 Datasheet HTML 3Page - Supertex, Inc HV7355_14 Datasheet HTML 4Page - Supertex, Inc HV7355_14 Datasheet HTML 5Page - Supertex, Inc HV7355_14 Datasheet HTML 6Page - Supertex, Inc HV7355_14 Datasheet HTML 7Page - Supertex, Inc HV7355_14 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV7355
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7355
D011314
Ordering Information
Part Number
Package Options
Packing
HV7355K6-G
56-Lead QFN (8x8)
250/Tray
HV7355K6-G M937 56-Lead QFN (8x8)
2000/Reel
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Power-Up Sequence
Step
Description
1
V
SS
2
V
LL with logic signal low
3
V
DD
4
V
PP
5
EN & logic signal go to high
Power-Down Sequence
Step
Description
1
EN & logic signal low
3
V
PP
4
V
DD
5
V
LL
6
V
SS
Pin Configuration
Package Marking
1
56
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
HV7355K6
LLLLLLLLL
YYWW
AAA CCC
56-Lead QFN
56-Lead QFN
(top view)
Package may or may not include the following marks: Si or
Parameter
Value
GND, RGND and V
SUB
0V
V
LL, Positive logic supply
-0.5V to +7.0V
V
DD, Positive logic and level translator supply
-0.5V to +7.0V
V
SS, Negative level translator and LR supply
+0.5V to -7.0V
V
PP, High voltage positive supply
-0.5V to +160V
( V
PP -VTXx) Voltage
-0.5V to +160V
(V
TXx - RGND) Voltage
-0.5V to +160V
All logic input PIN
X, NINX and EN voltages
-0.5V to +7.0V
Operating temperature
-40°C to 125°C
Storage temperature
-65°C to 150°C
Note:
Powering up/down in any arbitrary sequence will not cause any damage to the device. The powering up/down sequence is only recommended in
order to minimize possible inrush current.
Logic Inputs
Output
EN
Q[7:0]
IN0~7
TX0~7
1
1111,1111
0
GND
1
1111,1111
1
VPP
1
0
X
GND
0
X
X
HiZ
Truth Table (MC = X)
Drive Mode Control Table
MC
I
SC
(A)
R
onP
R
onN
0
0.50
18
13
1
1.6
8.0
3.0
Note:
V
PP = +150V, VDD = +5.0 V, VLL = +3.3V, VSS = -5.0V, VSUB = 0V
Typical Thermal Resistance
Package
θ
ja
56-Lead QFN
21OC/W
-G denotes a lead (Pb)-free / RoHS compliant package
ESD Sensitive Device



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com