Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7224 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7224
Description  40-Channel Symmetric Row Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7224 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7224_13 Datasheet HTML 1Page - Supertex, Inc HV7224_13 Datasheet HTML 2Page - Supertex, Inc HV7224_13 Datasheet HTML 3Page - Supertex, Inc HV7224_13 Datasheet HTML 4Page - Supertex, Inc HV7224_13 Datasheet HTML 5Page - Supertex, Inc HV7224_13 Datasheet HTML 6Page - Supertex, Inc HV7224_13 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7224
C072413
HV7224
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to +7.0V
Supply voltage , V
PP
-0.5V to +260V
Logic input levels
-0.5V to V
DD + 0.5V
Continuous total power dissipation1
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Note:
1.
For operation above 25°C ambient derate linearly to maximum
operating temperature at 20mW/°C.
Recommended Operating Conditions
Sym
Parameter
Min
Max
Units
V
DD
Logic supply voltage
4.5
5.5
V
V
PP
High voltage supply1
0
240
V
V
IH
High-level input voltage
0.7 V
DD
V
DD
V
V
IL
Low-level input voltage
0
0.2V
DD
V
f
CLK
Clock frequency
-
3.0
MHz
T
A
Operating free-air temperature
-40
+85
°C
I
O
High voltage output current
-
±70
mA
I
OD
Allowable pulsed current through output diode
-
±300
mA
Note:
1.
Output will not switch at V
PP = 0V.
Power-up sequence should be the following:
1.
Connect ground.
2.
Apply V
DD.
3.
Set all inputs (Data, CLK, Enable, etc.) to a known state.
4.
Apply V
PP.
The V
PP should not drop below VDD or float during operation.
Power-down sequence should be the reverse of the above.
Pin Configuration
1
64
Product Marking
L = Lot Number
YY = Year Sealed
WW = Week Sealed
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Top Marking
HV7224PG
LLLLLLLLLL
YYWW
CCCCCCCC AAA
64-Lead PQFP (3-sided)
64-Lead PQFP (3-sided)
(top view)
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV7224PG-G
64-Lead PQFP
66/Tray
Typical Thermal Resistance
Package
θ
ja
44-Lead PLCC
37OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com