Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7100 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7100
Description  24/48V Fan Driver/Controller With High-Side Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7100 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7100_13 Datasheet HTML 1Page - Supertex, Inc HV7100_13 Datasheet HTML 2Page - Supertex, Inc HV7100_13 Datasheet HTML 3Page - Supertex, Inc HV7100_13 Datasheet HTML 4Page - Supertex, Inc HV7100_13 Datasheet HTML 5Page - Supertex, Inc HV7100_13 Datasheet HTML 6Page - Supertex, Inc HV7100_13 Datasheet HTML 7Page - Supertex, Inc HV7100_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7100
B072413
HV7100
Absolute Maximum Ratings
Parameter
Value
V
PP to GND
-0.5V to 90V
V
DD to GND
-0.3V to +6V
Input voltage, LIN
-0.3V to (V
DD + 0.3V)
Input voltage, D
IN0 - DIN2
-0.3V to (V
DD + 0.3V)
Gate to V
PP
+0.5V to -15V
Continuous power dissipation
(T
A = +25°C)
750mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Sym
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
(Operating specifications are at T
A = 25°C, VPP = 16 to 75V, VDD = 3.0 to 5.5V, unless otherwise noted)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Supplies
I
PP
V
PP supply current
-
-
4.0
mA
No ext load on V
DD,
f
OSC = 50kHz, 250pF on OUT pin
UV
PP(ON)
V
PP UVLO turn-on threshold
11.7
13.0
14.3
V
---
UV
PP(HYS)
V
PP UVLO hysteresis
1.5
2.0
2.5
V
---
V
DD
V
DD internal regulation
3.0
3.3
3.6
V
V
PP = 16V to 75V
Sym Parameter
Min
Typ Max Units
V
DD
Externally applied V
DD
3.7
-
5.5
V
V
PP
High voltage supply
16
-
75
V
f
OSC
Oscillator frequency
50
-
100
kHz
R
T
Oscillator timing
resistor
12
-
500
kΩ
Recommended Operating Conditions
Pin Configuration
Product Marking
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
HV7100NG
YWW LLLLLLLL
CCCCCCCCC AAA
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT
VPP2
VPP1
VGATE
RT
CT
GND
VDD
LIN
DIN0
DIN1
DIN2
DIN3
EN
14-Lead SOIC
(top view)
14-Lead SOIC
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV7100NG-G
14-Lead SOIC (NB) 53/Tube
HV7100NG-G M903 14-Lead SOIC (NB) 2500/Reel
Typical Thermal Resistance
Package
θ
ja
44-Lead PLCC
37OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com