Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5812 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV5812
Description  20-Channel, Serial-Input, Vacuum-Fluorescent Display Driver for Anode/Grid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5812 Datasheet(HTML) 2 Page - Supertex, Inc

  HV5812_13 Datasheet HTML 1Page - Supertex, Inc HV5812_13 Datasheet HTML 2Page - Supertex, Inc HV5812_13 Datasheet HTML 3Page - Supertex, Inc HV5812_13 Datasheet HTML 4Page - Supertex, Inc HV5812_13 Datasheet HTML 5Page - Supertex, Inc HV5812_13 Datasheet HTML 6Page - Supertex, Inc HV5812_13 Datasheet HTML 7Page - Supertex, Inc HV5812_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5812
C072413
HV5812
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to +7.5V
Supply voltage, V
PP
-0.5V to +90V
Logic input levels
-0.3V to V
DD +0.3V
Maximum junction temperature
125°C
Storage temperature range
-55°C to +150°C
Power dissipation:
28-Lead PDIP
28-Lead PLCC
28-Lead SOW
2000mW
1900mW
1700mW
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to GND.
Recommended Operating Conditions
Sym Parameter
Min Max
Units
V
DD
Supply voltage
4.5
5.5
V
V
PP
Supply voltage
20
80
V
T
j
Operating junction temperature
-40
+125
°C
Pin Configuration
Product Marking
28-Lead PLCC
1 28
4
26
28-Lead SOW
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV5812PJ
LLLLLLLLLL
CCCCCCCCCCC
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
L = Lot Number
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV5812WG
LLLLLLLLLL
CCCCCCCCCCC
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV5812P
LLLLLLLLLL
CCCCCCCCCCC
AAA
28-Lead PDIP
28-Lead PLCC
28-Lead SOW
28-Lead PDIP
28
1
1
28
Power-up sequence should be the following:
1. Connect ground.
2. Apply V
DD.
3. Set all inputs (Data, CLK, etc.) to a known state.
4. Apply V
PP.
The V
PP should not drop below VDD during operation.
Power-down sequence should be the reverse of the above.
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV5812P-G
28-Lead PDIP
13/Tube
HV5812PJ-G
28-Lead PLCC
38/Tube
HV5812PJ-G M904 28-Lead PLCC
500/Reel
HV5812WG-G
28-LeadSOW
1000/Reel
Typical Thermal Resistance
Package
θ
ja
28-Lead PDIP
43OC/W
28-Lead PLCC
48OC/W
28-Lead SOW
55OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com