Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5622 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV5622
Description  32-Channel Serial to Parallel Converter With Open Drain Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5622 Datasheet(HTML) 2 Page - Supertex, Inc

  HV5622_13 Datasheet HTML 1Page - Supertex, Inc HV5622_13 Datasheet HTML 2Page - Supertex, Inc HV5622_13 Datasheet HTML 3Page - Supertex, Inc HV5622_13 Datasheet HTML 4Page - Supertex, Inc HV5622_13 Datasheet HTML 5Page - Supertex, Inc HV5622_13 Datasheet HTML 6Page - Supertex, Inc HV5622_13 Datasheet HTML 7Page - Supertex, Inc HV5622_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5622
C072313
HV5622
Pin Configurations
1
44
1 44
6
40
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV5622PG
LLLLLLLLL
CCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV5622PJ
LLLLLLLLLL
CCCCCCCCCCC
44-Lead PQFP
(top view)
44-Lead PLCC
(top view)
Product Marking
44-Lead PQFP
44-Lead PLCC
Absolute Maximum Ratings
Supply voltage, V
DD
1
-0.5V to +15V
Output voltage, V
PP
1
-0.5V to +230V
Logic input levels1
-0.5V to V
DD +0.5V
Ground current2
1.5A
Continuous total power dissipation3
1200mW
Operating temperature range
-40OC to +85OC
Storage temperature range
-65OC to +150OC
Parameter
Value
Sym Parameter
Min
Max Units
Recommended Operating Conditions
V
DD
Logic voltage supply
10.8
13.2
V
HV
OUT
High voltage output
-0.3
+220
V
V
IH
Input high voltage
V
DD -2.0
V
DD
V
V
IL
Input low voltage
0
2.0
V
f
CLK
Clock frequency
-
8.0
MHz
T
A
Operating free-air temperature
-40
+85
O
C
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.
Notes:
1.
All voltages are referenced to V
SS
2.
Duty cycle is limited by the total power dissipated in the package
3.
For operation above 25°C ambient derate linearly to maximum operating
temperature at 20mW/°C.
Power-Up Sequence
Power-up sequence should be the following:
1. Connect ground
2. Apply V
DD
3. Set all inputs to a known state
Power-down sequence should be the reverse of the above.
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV5622PG-G
44-Lead PQFP
96/Tray
HV5622PG-G M919 44-Lead PQFP
500/Reel
HV5622PJ-G
44-Lead PLCC
27/Tube
HV5622PJ-G M903
44-Lead PLCC
500/Reel
Typical Thermal Resistance
Package
θ
ja
44-Lead PQFP
51OC/W
44-Lead PLCC
37OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com