Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5522 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV5522
Description  32-Channel Serial to Parallel Converter With Open Drain Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5522 Datasheet(HTML) 2 Page - Supertex, Inc

  HV5522_13 Datasheet HTML 1Page - Supertex, Inc HV5522_13 Datasheet HTML 2Page - Supertex, Inc HV5522_13 Datasheet HTML 3Page - Supertex, Inc HV5522_13 Datasheet HTML 4Page - Supertex, Inc HV5522_13 Datasheet HTML 5Page - Supertex, Inc HV5522_13 Datasheet HTML 6Page - Supertex, Inc HV5522_13 Datasheet HTML 7Page - Supertex, Inc HV5522_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
HV5522
Doc.# DSFP-HV5522
C072313
Absolute Maximum Ratings
Parameter
Supply voltage, V
DD
1
-0.5V to +15V
Output voltage, V
PP
1
-0.5V to +230V
Logic input levels1
-0.5V to V
DD +0.5V
Ground current2
1.5A
Continuous total power dissipation3
1200mW
Operating temperature range
-40OC to +85OC
Storage temperature range
-65OC to +150OC
Recommended Operating Conditions
Sym Parameter
Min
Max Units
V
DD
Logic voltage supply
10.8
13.2
V
HV
OUT
High voltage output
-0.3
+220
V
V
IH
Input high voltage
V
DD -2.0
V
DD
V
V
IL
Input low voltage
0
2.0
V
f
CLK
Clock frequency
-
8.0
MHz
T
A
Operating free-air temperature
-40
+85
O
C
Pin Configuration
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.
Notes:
1.
All voltages are referenced to V
SS
2.
Duty cycle is limited by the total power dissipated in the package
3.
For operation above 25°C ambient derate linearly to maximum operating
temperature at 20mW/°C.
1
44
1 44
6
40
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV5522PG
LLLLLLLLL
CCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV5522PJ
LLLLLLLLLL
CCCCCCCCCCC
44-Lead PQFP
(top view)
44-Lead PLCC
(top view)
Product Marking
44-Lead PQFP
44-Lead PLCC
Power-Up Sequence
Power-up sequence should be the following:
1. Connect ground
2. Apply V
DD
3. Set all inputs to a known state
Power-down sequence should be the reverse of the above.
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV5522PG-G
44-Lead PQFP
96/Tray
HV5522PG-G M919 44-Lead PQFP
500/Reel
HV5522PJ-G
44-Lead PLCC
27/Tube
HV5522PJ-G M903
44-Lead PLCC
500/Reel
Typical Thermal Resistance
Package
θ
ja
44-Lead PQFP
51OC/W
44-Lead PLCC
37OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com