Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV3418 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV3418
Description  64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3418 Datasheet(HTML) 2 Page - Supertex, Inc

  HV3418_13 Datasheet HTML 1Page - Supertex, Inc HV3418_13 Datasheet HTML 2Page - Supertex, Inc HV3418_13 Datasheet HTML 3Page - Supertex, Inc HV3418_13 Datasheet HTML 4Page - Supertex, Inc HV3418_13 Datasheet HTML 5Page - Supertex, Inc HV3418_13 Datasheet HTML 6Page - Supertex, Inc HV3418_13 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV3418
C071813
HV3418
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to +15V
Output voltage, V
PP
V
DD to +200V
Logic input levels
-0.5V to V
DD +0.5V
Ground current 1
1.5A
High voltage supply current 1
1.3A
Continuous total power dissipation 2
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to GND.
Notes:
1.
Connection to all power and ground pads is required. Duty cycle is
limited by the total power dissipated in the package.
2.
For operation above 25°C ambiant derate linearly to maximum
operating temperature at 20mW/°C.
Pin Configuration
Product Marking
80-Lead PQFP
(top view)
1
80
80-Lead PQFP
HV3418PG
LLLLLLLLLL
YYWW
CCCCCCCC AAA
L = Lot Number
YY = Year Sealed
WW = Week Sealed
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
V
DD
Logic supply voltage
V
DD = 5.0V
4.5
5.0
5.5
V
V
DD = 12V
10.8
12.0
13.2
V
PP
High voltage supply
60
-
180
V
V
IH
High-level input voltage
V
DD - 0.9
-
V
DD
V
V
IL
Low-level input voltage
0
-
0.9
V
T
A
Operating free-air temperature
-40
-
+85
°C
Power-up sequence should be the following:
1.
Connect ground
2.
Apply V
DD
3.
Set all inputs (Data, CLK, Enable, etc.) to a known state
4.
Apply V
PP
The V
PP should not drop below VDD or float during operation.
Power-down sequence should be the reverse of the above.
Package may or may not include the following marks: Si or
-G denotes a lead (Pb)-free / RoHS compliant package
Ordering Information
Part Number
Package Option
Packing
HV3418PG-G
80-Lead PQFP
66/Tray
Typical Thermal Resistance
Package
θ
ja
80-Lead PQFP
37OC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com