Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2201 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV2201
Description  Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2201 Datasheet(HTML) 2 Page - Supertex, Inc

  HV2201 Datasheet HTML 1Page - Supertex, Inc HV2201 Datasheet HTML 2Page - Supertex, Inc HV2201 Datasheet HTML 3Page - Supertex, Inc HV2201 Datasheet HTML 4Page - Supertex, Inc HV2201 Datasheet HTML 5Page - Supertex, Inc HV2201 Datasheet HTML 6Page - Supertex, Inc HV2201 Datasheet HTML 7Page - Supertex, Inc HV2201 Datasheet HTML 8Page - Supertex, Inc HV2201 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HV2201
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.
Parameter
Value
V
DD logic supply
-0.5V to +7.0V
V
PP - VNN differential supply
220V
V
PP positive supply
-0.5V to V
NN+200V
V
NN negative supply
+0.5V to -200V
Logic input voltage
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Power dissipation:
48-Lead LQFP
28-Lead PLCC
1.0W
1.2W
Operating Conditions
Sym Parameter
Value
V
DD
Logic power supply voltage
3.0V to 5.5V
V
PP
Positive high voltage supply
40V to V
NN +200V
V
NN
Negative high voltage supply
-40V to -160V
V
IH
High level input voltage
0.9V
DD to VDD
V
IL
Low-level input voltage
0V to 0.1V
DD
V
SIG
Analog signal voltage
peak-to-peak
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0OC to 70OC
Notes:
1.
Power up/down sequence is arbtrary except GND must be powered-up first and
powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than
1.0msec.
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV2201FG
LLLLLLLLL
CCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV2201PJ
LLLLLLLLLL
CCCCCCCCCCC
48-Lead LQFP (FG)
28-Lead PLCC (PJ)
Pin Configuration
1
48
1 28
4
26
Ordering Information
Device
Package Options
48-Lead LQFP
7.00x7.00mm body
1.60mm height (max)
0.50mm pitch
28-Lead PLCC
.453x.453in body
.180in height (max)
.050in pitch
HV2201
HV2201FG-G
HV2201PJ-G
-G indicates the part is RoHS compliant (Green)
28-Lead PLCC (PJ)
(top view)
48-Lead LQFP (FG)
(top view)
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com