Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV461FG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV461FG-G
Description  Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461FG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV461FG-G Datasheet HTML 1Page - Supertex, Inc HV461FG-G Datasheet HTML 2Page - Supertex, Inc HV461FG-G Datasheet HTML 3Page - Supertex, Inc HV461FG-G Datasheet HTML 4Page - Supertex, Inc HV461FG-G Datasheet HTML 5Page - Supertex, Inc HV461FG-G Datasheet HTML 6Page - Supertex, Inc HV461FG-G Datasheet HTML 7Page - Supertex, Inc HV461FG-G Datasheet HTML 8Page - Supertex, Inc HV461FG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP - HV461
C071913
HV461
Absolute Maximum Ratings
Parameter
Value
V
DD
+4.0V
Digital inputs
-0.5V to +7.0V
Analog inputs
-0.5V to +7.0V
Storage temperature
-65°C to +150°C
Operating temperature
-40°C to +85°C
Sym
Parameter
Min
Typ
Max
Units Conditions
Electrical Specifications (unless otherwise specified: V
DD = 3.3V, TA = -40°C to +85°C)
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.
Pin Configuration
External Supply
Sym
Parameter
Min
Typ
Max
Units Conditions
Gate Drive Supply
V
DD
Supply voltage
3.0
3.3
3.6
V
---
I
DD
Supply current
(AV
DD + DVDD)
-
7
30
mA
f
PWM = 100kHz
f
osc = 19.6608MHz SW outputs NC
Open loop config, External V
GD
V
GD
Boost circuit voltage
9.0
9.6
10.2
V
---
I
GD
Gate drive supply current
-
-
5.0
10
mA
mA
V
DD = 2.97 - 3.63V, SW outputs unloaded
V
DD = 2.50 - 2.93V, SW outputs unloaded
V
DR(lo)
Drive voltage, low
-
-
0.2
V
I
OUT = -10µA
V
DR(hi)
Drive voltage, hi
V
DD - 0.4
-
-
V
I
OUT = 10µA
t
RISE
Rise time
-
-
100
ns
C
L = 200pF
t
FALL
Fall time
-
-
100
ns
C
L = 200pF
f
GD
Converter frequency
same as PWM
---
D
GD
Duty cycle
45
50
55
%
---
1
48
Product Marking
48-Lead LQFP
(top view)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV461FG
LLLLLLLLL
CCCCCCCC
AAA
48-Lead LQFP
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
HV461FG-G
48-Lead LQFP
250/Tray
HV461FG-G M931
48-Lead LQFP
1000/Reel
Typical Thermal Resistance
Package
θ
ja
48-Lead LQFP
52OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com