Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232FG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV232FG-G
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232FG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV232FG-G Datasheet HTML 1Page - Supertex, Inc HV232FG-G Datasheet HTML 2Page - Supertex, Inc HV232FG-G Datasheet HTML 3Page - Supertex, Inc HV232FG-G Datasheet HTML 4Page - Supertex, Inc HV232FG-G Datasheet HTML 5Page - Supertex, Inc HV232FG-G Datasheet HTML 6Page - Supertex, Inc HV232FG-G Datasheet HTML 7Page - Supertex, Inc HV232FG-G Datasheet HTML 8Page - Supertex, Inc HV232FG-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV232
C071613
HV232
Absolute Maximum Ratings
Parameter
Value
V
DD logic power supply voltage
-0.5V to +15V
V
PP - VNN supply voltage
220V
V
PP positive high voltage supply
-0.5V to V
NN +200V
V
NN negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65OC to +150OC
Power dissipation:
48-Lead LQFP
28-Lead PLCC
1.0W
1.2W
Operating Conditions
Sym Parameter
Value
V
DD
Logic power supply voltage1,3
4.5V to 13.2V
V
PP
Positive high voltage supply1,3
40V to V
NN +200V
V
NN
Negative high voltage supply1,3
-40V to -160V
V
IH
High level input voltage
V
DD -1.5V to VDD
V
IL
Low-level input voltage
0V to 1.5V
V
SIG
Analog signal voltage
peak-to-peak2
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0OC to 70OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Notes:
1.
Power up/down sequence is arbtrary except GND must be powered -up first and
powered down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than
1.0msec.
Pin Configuration
Product Marking
48-Lead LQFP
(top view)
48-Lead LQFP
28-Lead PLCC
(top view)
28-Lead PLCC
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV232FG
LLLLLLLLL
CCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV232PJ
LLLLLLLLLL
CCCCCCCCCCC
AAA
1
48
1 28
4
26
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
HV232FG-G
48-Lead LQFP
250/Tray
HV232FG-G M931
48-Lead LQFP
1000/Reel
HV232PJ-G
28-Lead PLCC
38/Tube
HV232PJ-G M904
28-Lead PLCC
500/Reel
Typical Thermal Resistance
Package
θ
ja
48-Lead LQFP
52OC/W
28-Lead PLCC
48OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com