Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV209FG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV209FG-G
Description  12-Channel High Voltage Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209FG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV209FG-G Datasheet HTML 1Page - Supertex, Inc HV209FG-G Datasheet HTML 2Page - Supertex, Inc HV209FG-G Datasheet HTML 3Page - Supertex, Inc HV209FG-G Datasheet HTML 4Page - Supertex, Inc HV209FG-G Datasheet HTML 5Page - Supertex, Inc HV209FG-G Datasheet HTML 6Page - Supertex, Inc HV209FG-G Datasheet HTML 7Page - Supertex, Inc HV209FG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV209
Supertex inc.
www.supertex.com
Doc.# DSFP-HV209
B070213
Recommended Operating Conditions
Sym
Parameter
Value
V
PP
Positive high voltage supply1
+40V to V
NN +200V
V
NN
Negative high voltage supply1
-10V to -160V
V
DD
Logic power supply voltage1
+4.5V to +13.2V
V
IH
High-level input voltage
0.8V
DD to VDD
V
IL
Low-level input voltage
0V to 0.2V
DD
V
SIG
Analog signal voltage peak-to-peak2
V
NN +10V to VPP -10V
T
A
Operating free air-temperature
0°C to 70°C
Notes:
1.
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2.
V
SIG must be within VPP and VNN voltage range or floating during power up/down transition.
Absolute Maximum Ratings
Parameter
Value
V
DD Logic power supply voltage
-0.5V to +15V
V
PP - VNN Supply voltage
+220V
V
PP Positive high voltage supply
-0.5V to +200V
V
NN Negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
V
SIG Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to +150°C
Power dissipation: 48-lead LQFP
1.0W
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configuration
1
48
48-Lead LQFP
(top view)
Product Marking
48-Lead LQFP
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV209FG
LLLLLLLLL
CCCCCCCC
AAA
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
HV209FG-G
48-Lead LQFP
250/Tray
HV209FG-G M931
1000/Reel
-G indicates package is RoHS compliant (‘Green’)
Typical Thermal Resistance
Package
θ
ja
48-Lead LQFP
52OC/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com