Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGP06A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MGP06A
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MGP06A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MGP06A Datasheet HTML 1Page - SUNMATE electronic Co., LTD MGP06A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Low forward voltage, high current capability
Glass passivated chip junction
High surge capability
Typical IR less than 0.1
µA
High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=25°C
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.1
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
50.0
µA
Typical junction capacitance
(NOTE 1)
CJ
10.0
pF
Typical reverse recovery time
(NOTE 2)
trr
0.6
µs
Typical thermal resistance
R
ΘJA
67.0
(NOTE 3)
R
ΘJL
30.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length,
P.C.B. mounted with 0.22 x 0.22” (5.5 x 5.5mm) copper pads
MPG06A - MPG06M
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER DIODES
Features
Mechanical Data
Polarity:Color band denotes cathode end
Mounting Position:Any
Weight:0.0064 ounce, 0.181 gram
per MIL-STD-750,Method 2026
Case:Molded plastic over passivated chip
Terminals:Plated axial leads, solderable
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
CURRENT: 1.0 A
VOLTAGE RANGE: 50 - 1000V
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
1 of 2
www.sunmate.tw
SYMBOLS
06A
06B
06D
06G
06J
06K
06M
UNITS
MPG
MPG
MPG
MPG
MPG
MPG
MPG


Similar Part No. - MGP06A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP11N60E MOTOROLA-MGP11N60E Datasheet
123Kb / 6P
Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP11N60E ONSEMI-MGP11N60E Datasheet
120Kb / 5P
SHORT CIRCUIT RATED LOW ON-VOLTAGE
1997
MGP11N60ED ONSEMI-MGP11N60ED Datasheet
145Kb / 6P
SHORT CIRCUIT RATED LOW ON-VOLTAGE
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP14N60E ONSEMI-MGP14N60E Datasheet
121Kb / 5P
SHORT CIRCUIT RATED LOW ON-VOLTAGE
More results

Similar Description - MGP06A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
Glass Passivated Junction Plastic Rectifier
13-Jun-16
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
Glass Passivated Junction Plastic Rectifier
06-Oct-2021
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
Glass Passivated Junction Plastic Rectifier
26-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com