Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 7Page - Texas Instruments LP5523 Datasheet HTML 8Page - Texas Instruments LP5523 Datasheet HTML 9Page - Texas Instruments LP5523 Datasheet HTML 10Page - Texas Instruments LP5523 Datasheet HTML 11Page - Texas Instruments LP5523 Datasheet HTML 12Page - Texas Instruments LP5523 Datasheet HTML 13Page - Texas Instruments LP5523 Datasheet HTML 14Page - Texas Instruments LP5523 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
CHARGE PUMP
1X/1.5X
C2
0.47 PF
C1
0.47 PF
COUT
1 PF
VOUT
C1+
C1- C2+
C2-
D/A
D1
D2
D6
D7
D8
D9
PROGRAM
MEMORY
50H TO 6FH;
96 INSTRUCTIONS
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
12 BIT PWM
PATTERN
CONTROL
8BIT
MAXIMUM
CURRENT
CONTROL
IDAC AND
HIGH SIDE
LED DRIVERS
SCL
SDA
EN
CLK
INT
ASEL1
ASEL0
TRIG
GPO
SERIAL
DATA
CTRL
REG
POR
THERMAL
SHUTDOWN
CLK
DET
1.25 MHz
OSC
BIAS
VREF
CONTROL
GND
CIN
1 PF
VDD
VDD
TEMP
COMP
-25
0
25
50
75
TEMPERATURE °C
0
25
50
75
100
MAXIMUM
SLOPE VALUE
MINIMUM
SLOPE VALUE
NO
COMP.
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
Figure 15. Temperature Compensation Principle
Compensation is effective over the temperature range
−40°C to 90°C.
LP5523 Block Diagram
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com