Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5551 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5551
Description  LP5551 PowerWise??Technology Compliant Energy Management Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5551 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5551 Datasheet HTML 9Page - Texas Instruments LP5551 Datasheet HTML 10Page - Texas Instruments LP5551 Datasheet HTML 11Page - Texas Instruments LP5551 Datasheet HTML 12Page - Texas Instruments LP5551 Datasheet HTML 13Page - Texas Instruments LP5551 Datasheet HTML 14Page - Texas Instruments LP5551 Datasheet HTML 15Page - Texas Instruments LP5551 Datasheet HTML 16Page - Texas Instruments LP5551 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LP5551
www.ti.com
SNVS417B – DECEMBER 2006 – REVISED APRIL 2013
P-Well Characteristics
Unless otherwise noted, VDD_A, _D, VPVDD1,2 , RESETN, ENABLE = 3.6V. Typical values and limits appearing in normal type
apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, -40 to
+125°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
VOUT = 0 V, IOUT = 10 µA
Accuracy
Output Voltage Tolerance
2.7
≤ VDD_A, _D, PVDD1,2 ≤ 5.5 V
-0.035
0
0.035
V
Bias Current Control bits = 00
IOUT = 10 uA, VOUT = 0.3 V
Line Regulation
0.159
%/V
2.7V
≤ VDD_A, _D, PVDD1,2 ≤ 5.5 V
VDD_A, _D, PVDD1,2 = 3.6 V
Load Regulation
VOUT = 0.3 V
0.011
%/µA
0.1 uA
≤ IOUT ≤ 10 uA
VOUT Range
0 mA
≤ IOUT ≤ 10 uA
Programmable Output Voltage Offset:
Programming Resolution: See Register
-1
0
0.3
V
Referenced to Ground
Map
IQ
IOUT = 0, P-well Bias Current Control
Quiescent Current
150
270
uA
bits = 00
ISINK
VDD_A, _D, PVDD1,2 = 3.6 V
Bias Current Control bits = 00
8
VOUT > VOUT(NOM) - 15 mV
(4)
VDD_A, _D, PVDD1,2 = 3.6 V
Bias Current Control bits = 01
36
VOUT > VOUT(NOM) - 15 mV
(4)
Output Sinking Capability
uA
VDD_A, _D, PVDD1,2 = 3.6 V
Bias Current Control bits = 10
52
VOUT > VOUT(NOM) - 15 mV
(4)
VDD_A, _D, PVDD1,2 = 3.6 V
Bias Current Control bits = 11
80
VOUT > VOUT(NOM) - 15 mV
(4)
ISOURCE
Output Source Capability
VDD_A, _D, PVDD1,2 = 2.7 V
100
uA
CLOAD
Output Capacitance of Load
0µA
≤ IOUT ≤ 3 uA
0.1
1
5
nF
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(3)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors are (MLCCs) used in setting electrical characteristics
(4)
The output voltage is specified not to drop more than 15 mV (VOUT < VOUT(NOM) - 15 mV) while sinking the specified current.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP5551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com