Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4522AF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU4522AF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4522AF Datasheet(HTML) 4 Page - NXP Semiconductors

  BU4522AF Datasheet HTML 1Page - NXP Semiconductors BU4522AF Datasheet HTML 2Page - NXP Semiconductors BU4522AF Datasheet HTML 3Page - NXP Semiconductors BU4522AF Datasheet HTML 4Page - NXP Semiconductors BU4522AF Datasheet HTML 5Page - NXP Semiconductors BU4522AF Datasheet HTML 6Page - NXP Semiconductors BU4522AF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4522AF
Fig.7. High and low DC current gain.
Fig.8. High and low DC current gain.
Fig.9. Typical collector-emitter saturation voltage.
Fig.10. Typical base-emitter saturation voltage.
Fig.11. Typical collector storage and fall time.
I
C =7 A; Tj = 85˚C; f = 16kHz
Fig.12. Typical collector storage and fall time.
I
C = 6 A; Tj = 85˚C; f = 64 kHz
0.01
0.1
1
10
100
1
10
100
IC / A
hFE
Ths = 25 C
Ths = 85 C
VCE = 1 V
BU4522AF/X
01
234
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
IB / A
VBEsat \ V
Ths = 25 C
Ths = 85 C
IC = 7 A
IC = 6 A
0.01
0.1
1
10
100
1
10
100
IC / A
Ths = 25 C
Ths = 85 C
VCE = 5 V
BU4522AF/X
0.5
1
1.5
2
1
2
3
4
5
IBend / A
ts/tf/ us
BU4522AF/X 16kHz
ICsat = 7 A
Ths = 85 C
Freq = 16 kHz
0
0
0.1
1
10
100
0.01
0.1
1
10
IC / A
VCEsat (V)
BU4522AF/X
Ths = 25 C
Ths = 85 C
IC/IB = 5
0
0.5
1
1.5
2
0
1
2
3
4
5
IB / A
ts/tf/ us
BU4522AF/X 64kHz
ICsat = 6 A
Ths = 85 C
Freq = 64 kHz
December 1997
4
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com