Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21W Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAS21W
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS21W Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAS21W Datasheet HTML 1Page - Diode Semiconductor Korea BAS21W Datasheet HTML 2Page - Diode Semiconductor Korea BAS21W Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Switching Diode BAS19W/BAS20W/BAS21W
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage BAS19W
BAS20W
BAS21W
V(BR)R
IR= 100μA
120
200
250
V
Reverse voltage leakage current
BAS19W
BAT20W
BAT21W
IR
VR=100V
VR=150V
VR=200V
100
nA
Forward voltage
VF
IF=100mA
IF=200mA
1.0
1.25
V
Diode capacitance
CD
VR=0V f=1MHz
5
pF
Reverse recovery time
trr
IF=IR=30mA RL=100Ω
50
ns
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com