Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21C Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS21C
Description  Surface mount switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS21C Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS21C Datasheet HTML 1Page - Diode Semiconductor Korea BAS21C Datasheet HTML 2Page - Diode Semiconductor Korea BAS21C Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface mount switching diode
BAS21/A/C/S
FEATURES
Fast switching speed.
Surface mount package ideally suited for
Automatic insertion.
BAS21
BAS21A
For general purpose switching applications.
High conductance.
BAS21C
BAS21S
APPLICATIONS
High speed switching application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS21
JS
SOT-23
BAS21A
JS2
SOT-23
BAS21C
JS3
SOT-23
BAS21S
JS4
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VR
250
V
Forward Continuous Current
IF
200
mA
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient Air
RθJA
500
℃
/W
Operating Junction Temperature Range
Tj
150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS21C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21C WEITRON-BAS21C Datasheet
665Kb / 2P
Surface Mount Switching Diodes
logo
Pan Jit International I...
BAS21C PANJIT-BAS21C Datasheet
44Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS21C BILIN-BAS21C Datasheet
177Kb / 3P
Surface mount switching diode
logo
Guangdong Kexin Industr...
BAS21C KEXIN-BAS21C Datasheet
41Kb / 1P
Surface Mount Switching Diodes
logo
Taiwan Semiconductor Co...
BAS21C TSC-BAS21C Datasheet
80Kb / 2P
225mW SMD Switching Diode
More results

Similar Description - BAS21C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com