Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT48 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAT48
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT48 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAT48 Datasheet HTML 1Page - Diode Semiconductor Korea BAT48 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT48
FEATURES
◇
For general purpose applications
◇
These diodes feature very low turn-on voltage
and fast switching.These devices are protected by
a PN junction guard ring against excessive voltage,
such as electrostatic discharges.
◇
This diode is also available in the Mini-MELF
MECHANICAL DATA
◇
Case: DO-35,glass case
◇
Polarity: Color band denotes cathode
◇
Weight: 0.005 ounces, 0.13 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Peak reverse voltage
VR
V
Forward continuous current
IF
m A
Surge forward current at tp<10 ms
IFSM
A
Power dissipation
Ptot
mW
Thermal resistance junction to ambient air
RθJA
℃
/W
Junction temperature
Tj
℃
Storage temperature range
TSTG
℃
-55 --- + 125
1)Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature.
-55 --- + 150
3501)
7.51)
3001)
3301)
VOLTAGE : 40 V
40
DO - 35
SMALL SIGNAL SCHOTTKY DIODE
BAT48
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAT48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
94Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
General Semiconductor
BAT48 GE-BAT48 Datasheet
44Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
114Kb / 8P
Small signal Schottky diodes
08-Aug-2006
More results

Similar Description - BAT48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com