Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT200 Datasheet(PDF) 39 Page - PerkinElmer Optoelectronics

Part # VT200
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT200 Datasheet(HTML) 39 Page - PerkinElmer Optoelectronics

Back Button VT200 Datasheet HTML 35Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 36Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 37Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 38Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 39Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 40Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 41Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 42Page - PerkinElmer Optoelectronics VT200 Datasheet HTML 43Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
34
Characteristics of Analog Optical Isolators
Transfer Characteristics
The light output of an LED is proportional to the input drive current, IF.
Some LEDs will begin to radiate useful amounts of light output at
forward currents as low as 10 µA. These same LEDs can be driven at
50 mA with no degradation in performance.
A transfer curve of output resistance versus input light current for a
typical AOI is shown in Figure 1. AOIs not only possess a large
dynamic range, but the output resistance tracks the input current in a
somewhat linear manner over a range of two or more decades.
This characteristic makes the AOI suitable for use in a very broad
range of applications, especially in audio circuits where they are used
for switching, limiting, and gating. For a more extensive discussion on
AOIs in audio circuits, refer to Application Notes #1.
Response Time
AOIs are not high speed devices. Speed is limited by the response
time of the photocell. With rise and fall times on the order of 2.5 to
1500 msec, most AOIs have bandwidths between 1 Hz and 200 Hz.
Figure 1. Transfer Curves (25°C)
One of the characteristics of photocells is that their speed of response
increases with increasing levels of illumination
.1 Thus the bandwidth of
Vactrols is somewhat dependent upon the input drive level to the LED.
In general, the higher the input drive the wider the bandwidth.
The turn-off time and turn-on time of photocells are not symmetrical.
The turn-on time can be an order of magnitude faster than the turn-off
time. In the dark (no input), the resistance of the cell is very high,
typically on the order of several megohms. When light is suddenly
applied, the photocells resistance drops very fast, typically reaching
63% (1-1/e conductance) of its final values in under 10 msec.
When the light is removed, the resistance increases initially at an
exponential rate, approximately tripling in a few milliseconds. The
resistance then increases linearly with time.
The fast turn-on and slow turn-off characteristics can be used to
advantage in many applications. This is especially true in audio
applications where a fast turn-on (attack) and a slow turn-off (release)
is preferred. For example, the typical AOI can be made to turn-on in
100 to 1000 µsec. In a limited circuit this is fast enough to catch high
peak amplitudes but not so fast as to cause obvious clipping. The turn-
off will take as much as 100 times longer so the audio circuit will return
to a normal gain condition without a disturbing “thump” in the speaker.
Figure 2. Resistance vs. Time
Noise
The sources of electrical noise in the output element of AOIs are the
same as for any other type of resistor.
One source of noise is thermal noise, also known as Johnson or
“white” noise, which is caused by the random motion of free electrons
in the photoconductive material.
1. For a more comprehensive discussion on the turn-on and turn-
off characteristics of photocells and how response time is effect-
ed by light level, see the Photoconductive Cell section of this cat-
alog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com