Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC20 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC20
Description  High-Speed CMOS Logic Dual 4-Input NAND Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC20 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC20 Datasheet HTML 1Page - Texas Instruments CD54HC20 Datasheet HTML 2Page - Texas Instruments CD54HC20 Datasheet HTML 3Page - Texas Instruments CD54HC20 Datasheet HTML 4Page - Texas Instruments CD54HC20 Datasheet HTML 5Page - Texas Instruments CD54HC20 Datasheet HTML 6Page - Texas Instruments CD54HC20 Datasheet HTML 7Page - Texas Instruments CD54HC20 Datasheet HTML 8Page - Texas Instruments CD54HC20 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS130C
Features
• Buffered Inputs
• Typical Propagation Delay: 8ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC20 and ’HCT20 logic gates utilize silicon gate CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The HCT logic family is functionally pin
compatible with the standard LS logic family.
Pinout
CD54HC20, CD54HCT20
(CERDIP)
CD74HC20, CD74HCT20
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC20F3A
-55 to 125
14 Ld CERDIP
CD54HCT20F3A
-55 to 125
14 Ld CERDIP
CD74HC20E
-55 to 125
14 Ld PDIP
CD74HC20M
-55 to 125
14 Ld SOIC
CD74HC20MT
-55 to 125
14 Ld SOIC
CD74HC20M96
-55 to 125
14 Ld SOIC
CD74HCT20E
-55 to 125
14 Ld PDIP
CD74HCT20M
-55 to 125
14 Ld SOIC
CD74HCT20MT
-55 to 125
14 Ld SOIC
CD74HCT20M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC20, CD74HC20,
CD54HCT20, CD74HCT20
High-Speed CMOS Logic
Dual 4-Input NAND Gate
[ /Title
(CD74H
C20,
CD74H
CT20)
/Subject
(High
Speed
CMOS
Logic
Dual 4-
Input


Similar Part No. - CD54HC20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC20 TI1-CD54HC20 Datasheet
603Kb / 14P
High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC20 TI2-CD54HC20 Datasheet
1Mb / 27P
CDx4HC20 Dual 4-Input NAND Gates
REVISED MAY 2021
CD54HC20F TI-CD54HC20F Datasheet
1Mb / 25P
CDx4HC20 Dual 4-Input NAND Gates
CD54HC20F TI2-CD54HC20F Datasheet
1Mb / 27P
CDx4HC20 Dual 4-Input NAND Gates
REVISED MAY 2021
CD54HC20F3A TI1-CD54HC20F3A Datasheet
603Kb / 14P
High-Speed CMOS Logic Dual 4-Input NAND Gate
More results

Similar Description - CD54HC20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
High Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC30 TI-CD74HC30 Datasheet
349Kb / 13P
High Speed CMOS Logic 8-Input NAND Gate
logo
Integral Corp.
IN74AC20 INTEGRAL-IN74AC20 Datasheet
143Kb / 4P
DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC20 KODENSHI-KK74AC20 Datasheet
223Kb / 5P
Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT20 KODENSHI-KK74ACT20 Datasheet
222Kb / 5P
Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD74HC20-Q1 TI1-CD74HC20-Q1 Datasheet
141Kb / 7P
HIGH-SPEED CMOS LOGIC DUAL 4-INPUT NAND GATE
CD74HCT20EE4 TI1-CD74HCT20EE4 Datasheet
603Kb / 14P
High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC30 TI1-CD54HC30_15 Datasheet
754Kb / 18P
High Speed CMOS Logic 8-Input NAND Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com