Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # LLDB3
Description  SILICON BIDIRECTIONAL DIACS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

LLDB3 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  LLDB3 Datasheet HTML 1Page - Diode Semiconductor Korea LLDB3 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.04
25
1.00
50
1.02
1.06
1.08
100
75
125
VBO(TJ)
VBO(TJ=25
)
TJ(
)
10KΩ          500KΩ                D.U.T
220V
60Hz
0.1
µ F
Vo
R=20Ω
90%
10%
IP
tr
f=100Hz
TJ initial=25℃
ITRM(A)
10
100
10000
1000
0.01
0.1
1
2
tp(
µ s)
FIG.6--PEAK PULSEE CURRENT VERENT VERSUS
PULSE DURATION(MAXIMUM VALUES)
LLDB3.LLDB4
FIG.1--VOLTAGE-CURRENT CHARACTERISTIC CURVE
FIG.2--TEST CIRCUIT FOR OUTPUT VOLTAGE
FIG.3-- TEST CIRCUIT SEE FIG.2 ADJUST R FOR IP=0.5A
FIG.4--POWER DISSIPATION VERSUS AMBIENT
TEMPERATURE (MAXIMUM VALUES)
FIG.5--RELATIVE VARIATION OF VBO VERSUS JUNCTION
TEMPERATURE(TYPICAL VALUES)
+IF
-IF
-V
+V
10mA
IBO
IB
0.5VBO
V
VBO
0
0
10
20
30
40 50
60
70
80
90
100 110 120 130
20
40
60
80
100
120
140
160
P(mW)
Tamb( ℃ )
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com