Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HT Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MMBD4448HT
Description  Surface Mount Fast Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBD4448HT Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MMBD4448HT Datasheet HTML 1Page - Diode Semiconductor Korea MMBD4448HT Datasheet HTML 2Page - Diode Semiconductor Korea MMBD4448HT Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Fast Switching Diode
MMBD4448HT/HTA/HTC/HTS
FEATURES
Ultra-Small surface mount package.
Fast switching speed.
For general purpose switching
MMBD4448HT
MMBD4448HTA
appilications.
High conductance.
MMBD4448HTC
MMBD4448HTS
APPLICATIONS
General purpose switching application.
SOT-523
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD4448HT
A3
SOT-523
MMBD4448HTA
A6
SOT-523
MMBD4448HTC
A7
SOT-523
MMBD4448HTS
AB
SOT-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VRM
Non-repetitive peak reverse voltage
100
V
VRRM
VRWM
VR
Peak repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
85
V
VR(RMS)
RMS reverse voltage
57
V
IFM
Forward continuous voltage(MAX.)
500
mA
IO
Peak rectified output current
250
mA
IFSM
Non-repetitive peak forward surge current
@t=1.0μs
@t=1.0s
4.0
2.0
A
Pd
Power dissipation
150
mW
RθJA
Thermal resistance junction to ambient
833
℃
/W
Tj,Tstg
Junction and Storage Temperature
-65~150
℃
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
76Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 9 - 2
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 12 - 2 March 2009
logo
Micro Commercial Compon...
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
More results

Similar Description - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com