Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2237CDW Datasheet(PDF) 21 Page - Texas Instruments

Part # TLE2237CDW
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2237CDW Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2237CDW Datasheet HTML 17Page - Texas Instruments TLE2237CDW Datasheet HTML 18Page - Texas Instruments TLE2237CDW Datasheet HTML 19Page - Texas Instruments TLE2237CDW Datasheet HTML 20Page - Texas Instruments TLE2237CDW Datasheet HTML 21Page - Texas Instruments TLE2237CDW Datasheet HTML 22Page - Texas Instruments TLE2237CDW Datasheet HTML 23Page - Texas Instruments TLE2237CDW Datasheet HTML 24Page - Texas Instruments TLE2237CDW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 28
VCC
± = ±15 V
VID = 100 mV
– 43
– 41
– 39
– 37
150
120
90
60
30
– 45
180
t – Time – s
– 35
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
VO = 0
TA = 25°C
P Package
Figure 29
VCC
± = ±15 V
VID = – 100 mV
34
32
30
28
150
120
90
60
30
36
180
t – Time – s
26
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
VO = 0
TA = 25°C
P Package
Figure 30
60
50
40
30
20
10
TA – Free-Air Temperature – °C
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
–51
–49
–47
–45
–43
–55
–41
–53
70
VCC
± = ±15 V
VID = 100 mV
VO = 0
P Package
Figure 31
42
40
39
37
TA – Free-Air Temperature – °C
35
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
70
60
50
40
30
20
10
0
41
38
36
VCC
± = ±15 V
VID = – 100 mV
VO = 0
P Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com