Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3680M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3680M
Description  Quad Negative Voltage Relay Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3680M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3680M Datasheet HTML 1Page - National Semiconductor (TI) DS3680M Datasheet HTML 2Page - National Semiconductor (TI) DS3680M Datasheet HTML 3Page - National Semiconductor (TI) DS3680M Datasheet HTML 4Page - National Semiconductor (TI) DS3680M Datasheet HTML 5Page - National Semiconductor (TI) DS3680M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5821
March 1995
DS3680 Quad Negative Voltage Relay Driver
General Description
The DS3680 is a quad high voltage negative relay driver
designed to operate over wide ranges of supply voltage
common-mode voltage
and ambient temperature
with
50 mA sink capability These drivers are intended for switch-
ing the ground end of loads which are directly connected to
the negative supply such as in telephone relay systems
Since there may be considerable noise and IR drop be-
tween logic ground and negative supply ground in many ap-
plications these drivers are designed to operate with a high
common-mode range (g20V referenced to negative supply
ground) Each driver has a common-mode range separate
from the other drivers in the package which pemits input
signals from more than one element of the system
With low differential input current requirements (typically
100 mA) these drivers are compatible with TTL LS and
CMOS logic Differential inputs permit either inverting or
non-inverting operation
The driver outputs incorporate transient suppression clamp
networks which eliminate the need for external networks
when used in applications of switching inductive loads A
fail-safe feature is incorporated to insure that if the aIN
input or both inputs are open the driver will be OFF
Features
Y
b
10V to b60V operation
Y
Quad 50 mA sink capability
Y
TTLLSCOMS or voltage comparator input
Y
High input common-mode voltage range
Y
Very low input current
Y
Fail-safe disconnect feature
Y
Built-in output clamp diode
Connection Diagram
Dual-In-Line Package
TLF5821 – 1
Top View
Order Number DS3680J DS3680M or DS3680N
See NS Package Number J14A M14A N14A
Logic Diagram
TLF5821 – 2
Truth Table
Differential Inputs
Outputs
VID t 2V
On
VID s 08V
Off
Open
Off
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS3680M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3680 TI-DS3680 Datasheet
83Kb / 5P
QUAD TELEPHONE RELAY DRIVER
DS3680 TI1-DS3680 Datasheet
262Kb / 10P
QUAD TELEPHONE RELAY DRIVER
DS3680 TI2-DS3680 Datasheet
428Kb / 11P
QUAD TELEPHONE RELAY DRIVER
REVISED SEPTEMBER 1995
DS3680-N TI1-DS3680-N Datasheet
184Kb / 8P
DS3680 Quad Negative Voltage Relay Driver
DS3680D TI-DS3680D Datasheet
83Kb / 5P
QUAD TELEPHONE RELAY DRIVER
More results

Similar Description - DS3680M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3680 TI-DS3680 Datasheet
83Kb / 5P
QUAD TELEPHONE RELAY DRIVER
UC1702 TI-UC1702 Datasheet
162Kb / 4P
Quad PWM Relay Driver
logo
National Semiconductor ...
DS3686 NSC-DS3686 Datasheet
130Kb / 6P
Dual Positive Voltage Relay Driver
logo
Linear Technology
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
logo
Texas Instruments
DS3680-N TI1-DS3680-N Datasheet
184Kb / 8P
DS3680 Quad Negative Voltage Relay Driver
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
Quad UV/OV Positive/Negative Voltage Monitor
logo
Texas Instruments
DS3680 TI1-DS3680_16 Datasheet
262Kb / 10P
QUAD TELEPHONE RELAY DRIVER
UC1702 TI1-UC1702_08 Datasheet
196Kb / 6P
Quad PWM Relay Driver
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com