Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF-RJ11 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # TRF-RJ11
Description  Modular Jack EMI Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

TRF-RJ11 Datasheet(HTML) 1 Page - Coilcraft lnc.

  TRF-RJ11_13 Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Modular Jack EMI Filters
Document 154
Document 154 Revised 11/10/08
Eliminating common mode EMI from telephone lines and
LANs can be done quickly and easily with these plug-in
filter modules.
One, two, and four line (two, four and eight wire) versions
are available with RJ11, RJ14, or RJ45 standard termina-
tions. They’re designed to help meet FCC Part 15 and 68
as well as European CCITT and CISPR-22 requirements.
Part
A
B
C
C
number Lines
max
max
min
max
TRF-RJ11
1
0.68/17,2
0.84/21,3
4.54/115,3 5.54/140,7
TRF-RJ14
2
0.68/17,2
0.84/21,3
4.54/115,3 5.54/140,7
TRF-RJ45-8
4
0.89/22,6
0.83/21,1
4.26/108,2 5.26/133,6
Typical Attenuation1
1. Measured on an Agilent/HP 8753D network analyzer. Ref 50 Ohms.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
A
BC
40
30
20
10
0
-10
0.1
110
100
1000
Frequency (MHz)
Differential Mode
This product is not RoHS-compliant. Contact Coilcraft
for current status or possible alternatives.


Similar Part No. - TRF-RJ11_13

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
TRF-RJ11 COILCRAFT-TRF-RJ11 Datasheet
144Kb / 1P
Modular Jack EMI Filters
More results

Similar Description - TRF-RJ11_13

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
TRF-RJ11 COILCRAFT-TRF-RJ11 Datasheet
144Kb / 1P
Modular Jack EMI Filters
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
Modular jack
logo
CUI INC
CRJ004-ML1-TH CUI-CRJ004-ML1-TH Datasheet
350Kb / 4P
MODULAR JACK
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
MODULAR JACK
CRJ019-1-TH CUI-CRJ019-1-TH Datasheet
286Kb / 3P
MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
MODULAR JACK
CRJ024-1-TH CUI-CRJ024-1-TH Datasheet
306Kb / 3P
MODULAR JACK
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
MODULAR JACK
04/16/2021
CRJ052-1H-TH CUI-CRJ052-1H-TH Datasheet
372Kb / 3P
MODULAR JACK
04/16/2021
logo
CUI Devices
CRJ059-L1-TH CUID-CRJ059-L1-TH Datasheet
350Kb / 3P
MODULAR JACK
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com