Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOT10 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SLOT10
Description  ?쏶LOT TEN??10 mm Tunable Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLOT10 Datasheet(HTML) 2 Page - Coilcraft lnc.

  SLOT10 Datasheet HTML 1Page - Coilcraft lnc. SLOT10 Datasheet HTML 2Page - Coilcraft lnc. SLOT10 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Document 113-2
Selection Guide
Coilcraft “SLOT TEN” coils come in five different styles. Consult this table for the inductance range, relative Q and
shielding options of each style. Then use the appropriate specification chart to pick a specific part number.
Electrostatic
Magnetic
Recommended
Style
L (µH)
shield
shield
frequency
Tuning core
Relative Q
Relative cost
Style 1
0.8 – 624
No
No
Higher
Iron
Hi
Low
Style 2
0.8 – 927
No
No
Ferrite
Hi
Low
Style 3
0.7 – 450
Yes
No
Iron
Low
Med
Style 4
0.8 – 624
Yes
Yes (Iron)
Iron
Med
Hi
Style 5
0.9 – 1143
Yes
Yes (Ferrite)
Lower
Ferrite
Med
Hi
Notes:
1. All readings taken on Agilent/HP 4342-A Q Meter.
2. L min is achieved at maximum extension of the core toward PC board.
Complete tuning range is reached within the boundaries of the coil form.
3. All specifications are at standard “Q” meter frequencies. L and Q read-
ings change with frequency.
4. Unshielded parts are coated with lacquer to protect the winding.
5. Shielded parts have a sleeve insert to protect the winding.
6. Operating temperature range –40°C to +85°C.
7. Electrical specifications at 25°C.
Style 1 — Unshielded with Carbonyl E Core
Q min
Test
Part number
Color
L min (µH)
L max (µH)
L nom (µH)
@ L nom
frequency
SLOT TEN-1-01
Brown
0.800
1.2
1.0
48
7.9 MHz
SLOT TEN-1-02
Red
1.2
1.8
1.5
50
7.9 MHz
SLOT TEN-1-03
Orange
1.76
2.64
2.2
56
7.9 MHz
SLOT TEN-1-04
Yellow
2.56
3.84
3.2
54
7.9 MHz
SLOT TEN-1-05
Green
3.6
5.4
4.5
54
7.9 MHz
SLOT TEN-1-06
Blue
5.2
7.8
6.5
51
7.9 MHz
SLOT TEN-1-07
Violet
7.6
11.4
9.5
48
7.9 MHz
SLOT TEN-1-08
Gray
11.2
16.8
14.0
38
2.5 MHz
SLOT TEN-1-09
White
16.0
24.0
20.0
38
2.5 MHz
SLOT TEN-1-10
Black*
22.4
33.6
28.0
38
2.5 MHz
SLOT TEN-1-11
Brown*
32.0
48.0
40.0
38
2.5 MHz
SLOT TEN-1-12
Red*
46.4
69.6
58.0
47
2.5 MHz
SLOT TEN-1-13
Orange*
67.2
100.2
84.0
48
2.5 MHz
SLOT TEN-1-14
Yellow*
96
144
120.0
40
790 KHz
SLOT TEN-1-15
Green*
137.6
206.4
172.0
34
790 KHz
SLOT TEN-1-16
Blue*
200
300
250.0
39
790 KHz
SLOT TEN-1-17
Violet*
280
432
360.0
30
790 KHz
SLOT TEN-1-18
Gray*
416
624
520.0
35
790 KHz
* Coils 10 thru 18 have a brown color dot on bottom of coil base.
Style 2 — Unshielded with Ferrite Core
Q min
Test
Part number
Color
L min (µH)
L max (µH)
L nom (µH)
@ L nom
frequency
SLOT TEN-2-01
Brown
0.80
1.7
1.2
47
7.9 MHz
SLOT TEN-2-02
Red
1.25
2.75
2.0
48
7.9 MHz
SLOT TEN-2-03
Orange
1.75
4.0
2.9
48
7.9 MHz
SLOT TEN-2-04
Yellow
2.4
5.4
3.9
47
7.9 MHz
SLOT TEN-2-05
Green
3.5
7.8
5.6
47
7.9 MHz
SLOT TEN-2-06
Blue
4.7
10.6
7.6
46
7.9 MHz
SLOT TEN-2-07
Violet
7.4
15.6
11.5
38
2.5 MHz
SLOT TEN-2-08
Gray
11
25
18.2
40
2.5 MHz
SLOT TEN-2-09
White
16
35
25.3
40
2.5 MHz
SLOT TEN-2-10
Black*
22
50
36.5
40
2.5 MHz
SLOT TEN-2-11
Brown*
33
72
52.5
39
2.5 MHz
SLOT TEN-2-12
Red*
46
103
74.8
51
2.5 MHz
SLOT TEN-2-13
Orange*
66
136
100
40
790 KHz
SLOT TEN-2-14
Yellow*
95
198
146
44
790 KHz
SLOT TEN-2-15
Green*
136
297
216
40
790 KHz
SLOT TEN-2-16
Blue*
198
426
312
45
790 KHz
SLOT TEN-2-17
Violet*
286
630
530
33
790 KHz
SLOT TEN-2-18
Gray*
418
927
790
38
790 KHz
* Coils 10 thru 18 have a brown color dot on bottom of coil base.
Document 113-2 Revised 05/13/11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com