Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1647P Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1647P Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1647P Datasheet HTML 1Page - Dallas Semiconductor DS1647P Datasheet HTML 2Page - Dallas Semiconductor DS1647P Datasheet HTML 3Page - Dallas Semiconductor DS1647P Datasheet HTML 4Page - Dallas Semiconductor DS1647P Datasheet HTML 5Page - Dallas Semiconductor DS1647P Datasheet HTML 6Page - Dallas Semiconductor DS1647P Datasheet HTML 7Page - Dallas Semiconductor DS1647P Datasheet HTML 8Page - Dallas Semiconductor DS1647P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1647/DS1647P
4 of 11
CLOCK ACCURACY (DIP MODULE)
The DS1647 is guaranteed to keep time accuracy to within
±1 minute per month at 25°C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements, and does not require
additional calibration. For this reason, methods of field clock calibration are not available and not
necessary. Clock accuracy is also effected by the electrical environment and caution should be taken to
place the RTC in the lowest level EMI section of the PCB layout. For additional information please see
application note 58.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1647 and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module will typically keep time accuracy to within
±1.53 minutes per month (35 ppm) at 25°C. Clock
accuracy is also effected by the electrical environment and caution should be taken to place the RTC in
the lowest level EMI section of the PCB layout. For additional information please see application
note 58.
1646 REGISTER MAP - BANK1 Table 2
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
7FFFF
-
-
-
-
-
-
-
-
YEAR
00-99
7FFFE
X
X
X
-
-
-
-
-
MONTH
01-12
7FFFD
X
X
-
-
-
-
-
-
DATE
01-31
7FFFC
X
FT
X
X
X
-
-
-
DAY
01-07
7FFFB
X
X
-
-
-
-
-
-
HOUR
00-23
7FFFA
X
-
-
-
-
-
-
-
MINUTES
00-59
7FFF9
OSC
-
-
--
--
-
SECONDS
00-59
7FFF8
W
R
X
XX
XX
X
CONTROL
A
OSC
= STOP BIT
R = READ BIT
FT = FREQUENCY TEST
W
= WRITE BIT
X = UNUSED
NOTE:
All indicated “X” bits are not dedicated to any particular function and can be used as normal RAM bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com