Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # GL34D
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

GL34D Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  GL34D Datasheet HTML 1Page - Diode Semiconductor Korea GL34D Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
3.5± 0.2
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
GL34D GL34G GL34J GL34K GL34M
Gray
Red
Orange Yellow Green
Blue
Violet
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRWS
140
280
420
560
700
V
MaximumDC blocking voltage
VDC
200
400
600
800
1000
V
Maximumaverage forw ord rectified current
V @TL=75
IF(AV)
A
Peak forw ard surge current
V 8.3ms single half-sine-w ave superimposed
V on rated load (JEDEC Method)
IFSM
A
Maximuminstantaneous forw ard voltage at 0.5 A
VF
V
MaximumDC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=125
oC
Typical junction capacitance(NOTE2)
CJ
pF
Storage temperature range
TSTG
oC
Plastic package has underwriters laboratory
111 flammability classifications
UNITS
10.0
50
100
35
70
50
100
50.0
1.2
1.3
2.Thermal resistance form junction to ambient and junction to lead P.C.B mounted on 0.27"X0.27"(7.0X7.0mm2) copper pad areas
-55--------+150
0.5
IR
5.0
For surface mounted applications
Low profile package
GL34A
Polarity: Color band denotes cathode end
Weight: 0.0014 ounces, 0.036 gram
Terminals:Solder Plated, solderable per MIL-STD-
1111750, Method 2026
Glass passivated chip junction
High temperature soldering:
111 250
oC/10 seconds at terminals
GL34A---GL34M
NOTE: 1.Measured at 1.0MHz and applied reverse voltage of 4.0volts
4.0
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 1.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-213AA,molded plastic over
1111passivated chip
Polarity color bands (2nd Band)
SURFACE MOUNT RECTIFIERS
DO - 213AA
Typical thermal resitance (NOTE4)
oC/W
GL34B
4. Thermal resistance from junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
Dimensions in millimeters
JA
R
150
Typical reverse recovery time(NOTE3)
t
3.Measured with IF=0.5A,IR=1.0A,Irr=0.25A.
rr
1.5
S
A
Operating junction temperature range
T
J
-55--------+150
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - GL34D

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34D DCCOM-GL34D Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34D FORMOSA-GL34D Datasheet
66Kb / 2P
Silicon passivated type
logo
General Semiconductor
GL34D GE-GL34D Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GL34D MCC-GL34D Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
GL34D DIOTEC-GL34D Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
More results

Similar Description - GL34D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com