Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL41B Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # GL41B
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

GL41B Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  GL41B Datasheet HTML 1Page - Diode Semiconductor Korea GL41B Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
FEATURES
◇
Plastic package has underwriters laboratories
flammability classification 94V-0
◇
Glass passivated chip junction
◇
For surface mount applications
◇
High temperature metallurgically bonded construction
MECHANICAL DATA
◇
Case: JEDEC DO-213AB,molded plastic
◇
Terminals: Axial lead ,solderable per
MIL- STD-750,Method 2026
◇
Polarity: Color band denotes cathode
◇
Weight: 0.0046 ounces, 0.116 grams
◇
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
GL
41B
GL
41D
GL
41G
GL
41J
GL
41K
GL
41M
GL
41T
GL
41Y
UNITS
Maximum recurrent peak reverse voltage
100 200 400 600 800 1000 1300 1600
V
Maximum RMS voltage
70
140 280 420 560 700 910 1120
V
Maximum DC blocking voltage
100 200 400 600 800 1000 1300 1600
V
Maximum average forward rectified current
(see FIG.1)
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage
@1.0A
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Typical junction capacitance (Note1)
pF
Typical thermal resistance (Note 2)
℃
/W
Operating junction temperature range
℃
Storage temperature range
℃
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to ambient, 0.24×0.24"(6.0×6.0mm) copper pads to each terminal.
50
8.0
75
- 55 ---- +175
- 55 ---- +175
1.0
30
1.2
10
GL41A---GL41
Y
◇
High temperature soldering guaranteed:450 ℃/5
DO - 213AB
1.1
VOLTAGE RANGE
: 50 --- 1000 V
CURRENT: 1.0 A
seconds at terminals.Complete device sub-mersible
◇
Cavity-free glass passivated junction
SURFACE MOUNT
RECTIFIER
S
temperature of 265℃ for 10 seconds in solder bath
Cj
Tj
TSTG
RθJA
VRRM
VRMS
GL
41A
50
50
35
VDC
A
µA
I(AV)
IFSM
A
VF
IR
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - GL41B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41B GE-GL41B Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GL41B FCI-GL41B Datasheet
136Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
GL41B BILIN-GL41B Datasheet
185Kb / 2P
SURFACE MOUNT RECTIFIER
logo
TAITRON Components Inco...
GL41B TAITRON-GL41B Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
GL41B VISHAY-GL41B Datasheet
87Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
15-Mar-11
More results

Similar Description - GL41B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com