Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC377 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC377
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC377 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC377 Datasheet HTML 1Page - Texas Instruments CD74HC377 Datasheet HTML 2Page - Texas Instruments CD74HC377 Datasheet HTML 3Page - Texas Instruments CD74HC377 Datasheet HTML 4Page - Texas Instruments CD74HC377 Datasheet HTML 5Page - Texas Instruments CD74HC377 Datasheet HTML 6Page - Texas Instruments CD74HC377 Datasheet HTML 7Page - Texas Instruments CD74HC377 Datasheet HTML 8Page - Texas Instruments CD74HC377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
Logic Diagram
TRUTH TABLE
OPERATING MODE
INPUTS
OUPUTS
CP
EDn
Qn
Load “1”
↑
lh
H
Load “0”
↑
ll
L
Hold (Do Nothing)
↑
h
X
No Change
X
H
X
No Change
H = High Voltage Level Steady State.
h = High Voltage Level One Set-up Time Prior to the Low to High Clock Transition.
L = Low Voltage Level Steady State.
l = Low Voltage Level One Set-up Time Prior to the Low to High Clock Transition.
X = Don’t Care.
↑ = Low to High Clock Transition.
2
5
6
9
15
19
16
12
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
E
11
1
GND = 10
VCC = 20
3
4
7
8
14
18
17
13
D0
D1
D2
D3
D4
D5
D6
D7
E
D0
D1
D2
D3
D6
D7
Q
D
CP
CP
Q0
Q1
Q2
Q3
Q6
Q7
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q4
Q5
D4
D5
CD54HC377, CD74HC377, CD54HCT377, CD74HCT377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com