Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2027AMFKB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2027AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2027AMFKB Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLE2027AMFKB Datasheet HTML 20Page - Texas Instruments TLE2027AMFKB Datasheet HTML 21Page - Texas Instruments TLE2027AMFKB Datasheet HTML 22Page - Texas Instruments TLE2027AMFKB Datasheet HTML 23Page - Texas Instruments TLE2027AMFKB Datasheet HTML 24Page - Texas Instruments TLE2027AMFKB Datasheet HTML 25Page - Texas Instruments TLE2027AMFKB Datasheet HTML 26Page - Texas Instruments TLE2027AMFKB Datasheet HTML 27Page - Texas Instruments TLE2027AMFKB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
24
www.ti.com
TYPICAL CHARACTERISTICS
0
−30
−42
2
4
6
8
10 12 14 16 18 20
−32
−34
−36
−38
−40
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
⎟ VCC±⎟ − Supply Voltage − V
VID = 100 mV
VO = 0
TA = 25°C
P Package
Figure 29
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
0
30
44
2
4
6
8
10 12 14 16 18
20
32
34
36
38
40
42
VID = − 100 mV
VO = 0
TA = 25°C
P Package
⎟ VCC±⎟ − Supply Voltage − V
Figure 30
0
− 35
t − Elasped Time − s
180
− 45
30
60
90
120
150
− 37
− 39
− 41
− 43
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
P Package
TA = 25°C
VO = 0
VID = 100 mV
VCC ± = ± 15 V
Figure 31
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
0
34
t − Elasped Time − s
180
44
30
60
90
120
150
36
38
40
42
P Package
TA = 25°C
VO = 0
VID = 100 mV
VCC ± = ± 15 V
Figure 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com