Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC14F Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC14F
Description  High-Speed CMOS Logic Hex Inverting Schmitt Trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC14F Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC14F Datasheet HTML 1Page - Texas Instruments CD54HC14F Datasheet HTML 2Page - Texas Instruments CD54HC14F Datasheet HTML 3Page - Texas Instruments CD54HC14F Datasheet HTML 4Page - Texas Instruments CD54HC14F Datasheet HTML 5Page - Texas Instruments CD54HC14F Datasheet HTML 6Page - Texas Instruments CD54HC14F Datasheet HTML 7Page - Texas Instruments CD54HC14F Datasheet HTML 8Page - Texas Instruments CD54HC14F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Input Leakage Current
II
VCC or
GND
-6-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
06
-
2
-
20
-
40
µA
HCT TYPES
Input Switch Points
VT+
-
-
4.5
1.2
1.9
1.2
1.9
1.2
1.9
V
5.5
1.4
2.1
1.4
2.1
1.4
2.1
V
VT-
4.5
0.5
1.2
0.5
1.2
0.5
1.2
V
5.5
0.6
1.4
0.6
1.4
0.6
1.4
V
VH
4.5
0.4
1.4
0.4
1.4
0.4
1.4
V
5.5
0.4
1.5
0.4
1.5
0.4
1.5
V
High Level Output
Voltage CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
4.4
-
4.4
-
V
High Level Output
Voltage TTL Loads
-4
4.5
3.98
-
3.84
-
3.7
-
V
Low Level Output Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
4.5
-
0.1
-
0.1
-
0.1
V
Low Level Output Voltage
TTL Loads
4
4.5
-
0.26
-
0.33
-
0.4
V
Input Leakage Current
II
VCC
and
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per Input
Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
- 2.1
-
4.5 to
5.5
-
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
nA
0.6
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Specifica-
tions table, e.g., 360
µA max at 25oC.
CD54HC14, CD74HC14, CD54HCT14, CD74HCT14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com