Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2037IDRG4 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2037IDRG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037IDRG4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLE2037IDRG4 Datasheet HTML 23Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 24Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 25Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 26Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 27Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 28Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 29Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 30Page - Texas Instruments TLE2037IDRG4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
27
www.ti.com
TYPICAL CHARACTERISTICS
1
0
f − Frequency − Hz
100 k
10
10
100
1 k
10 k
2
4
6
8
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VCC ± = ± 15 V
RS = 20 Ω
TA = 25°C
See Figure 2
Sample Size = 100 Units
From 2 Wafer Lots
Figure 41
NOISE VOLTAGE
(REFERRED TO INPUT)
OVER A 10-SECOND INTERVAL
0
− 50
t − Time − s
10
50
24
6
8
− 40
− 30
− 20
− 10
0
10
20
30
40
VCC ± = ± 15 V
f = 0.1 to 10 Hz
TA = 25°C
Figure 42
Figure 43
20
18
16
14
12
20
18
16
14
12
10
8
6
4
222
| VCC± | − Supply Voltage − V
10
0
RL = 2 kΩ
CL = 100 pF
TA = 25
°C
See Figure 3
TLE2027
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
Figure 44
0
48
⎟ VCC±⎟ − Supply Voltage − V
52
2
46
8
10 12 14
16 18 20
49
50
51
RL = 2 kΩ
CL = 100 pF
TA = 25°C
f = 100 kHz
TLE2037
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com