Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3000F Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # R3000F
Description  HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

R3000F Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  R3000F Datasheet HTML 1Page - Diode Semiconductor Korea R3000F Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIMEBASEFOR50/100 ns/cm
R2500F---R5000F
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
NOTES:1.RISETIME= 7ns MAX.INPUT IMPEDANCE=1M . 22pF.
Ggggggggg 2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50
.
FIG.1 -- FORWARD DERATING CURVE
0
0.1
25
50
75
100
125
150
Sing le Pha se
Half W ave 60 HZ
R esistive or
Ind uctive L oad
0.2
200
175
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
trr
-1.0A
1cm
-0.25A
0
+0.5A
10
100
TJ=125
8.3ms Single Half
Sine - Wave
30
20
10
1
0
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com