Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1391CDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1391CDBVR
Description  SINGLE DIFFERENTIAL COMPARATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1391CDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1391CDBVR Datasheet HTML 2Page - Texas Instruments TLV1391CDBVR Datasheet HTML 3Page - Texas Instruments TLV1391CDBVR Datasheet HTML 4Page - Texas Instruments TLV1391CDBVR Datasheet HTML 5Page - Texas Instruments TLV1391CDBVR Datasheet HTML 6Page - Texas Instruments TLV1391CDBVR Datasheet HTML 7Page - Texas Instruments TLV1391CDBVR Datasheet HTML 8Page - Texas Instruments TLV1391CDBVR Datasheet HTML 9Page - Texas Instruments TLV1391CDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TLV1391
SINGLE DIFFERENTIAL COMPARATORS
SLCS128F − APRIL 1996 − REVISED JUNE 2007
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
LOW-TO HIGH-LEVEL OUTPUT
RESPONSE FOR VARIOUS INPUT OVERDRIVES
Low-to High-Level Output Response Time −
µs
VCC = 3 V
TA = 25° C
40 mV
20 mV
10 mV
5 mV
2 mV
4.5
3
1.5
0
100
0
0
0.5
1
1.5
2
2.5
Figure 2
HIGH-TO LOW-LEVEL OUTPUT
RESPONSE FOR VARIOUS INPUT OVERDRIVES
High-to Low-Level Output Response Time −
µs
VCC = 3 V
TA = 25° C
4.5
3
1.5
0
100
0
0
0.2
0.4
0.6
0.8
40 mV
20 mV
10 mV
5 mV
2 mV
Figure 3
LOW-TO HIGH-LEVEL OUTPUT
RESPONSE FOR VARIOUS INPUT OVERDRIVES
Low-to High-Level Output Response Time −
µs
VCC = 5 V
TA = 25° C
40 mV
20 mV
10 mV
5 mV
2 mV
7.5
5
2.5
0
100
0
0
0.5
1
1.5
2
2.5
Figure 4
HIGH-TO LOW-LEVEL OUTPUT
RESPONSE FOR VARIOUS INPUT OVERDRIVES
High-to Low-Level Output Response Time −
µs
VCC = 5 V
TA = 25° C
40 mV
20 mV
10 mV
5 mV
2 mV
7.5
5
2.5
0
100
0
0
0.2
0.4
0.6
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com