Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV2211CDBVRG4
Description  Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2211CDBVRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2211CDBVRG4 Datasheet HTML 9Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 10Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 11Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 12Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 13Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 14Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 15Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 16Page - Texas Instruments TLV2211CDBVRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
DISTRIBUTION OF TLV2211 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
αVIO − Temperature Coefficient − µV/°C
30
20
10
0
40
50
−3
−2
−1
0
1
2
3
32 Amplifiers From 1 Wafer Lot
VDD = ± 1.5 V
P Package
TA = 25°C
Figure 8
DISTRIBUTION OF TLV2211 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
αVIO − Temperature Coefficient − µV/°C
30
20
10
0
40
50
−3
−2
−1
0
1
2
3
32 Amplifiers From 1 Wafer Lot
VDD = ± 2.5 V
P Package
TA = 25°C
Figure 9
INPUT BIAS AND INPUT OFFSET CURRENTS†
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
50
40
20
10
0
90
30
25
45
65
85
70
60
80
100
105
125
IIB
IIO
VDD± = ±2.5 V
VIC = 0
VO = 0
RS = 50 Ω
Figure 10
0
4
1
1.5
2
2.5
2
1
3
INPUT VOLTAGE
vs
SUPPLY VOLTAGE
5
3
3.5
4
−1
−2
−3
−4
−5
RS = 50 Ω
TA = 25°C
| VIO | ≤ 5 mV
| VDD ± | − Supply Voltage − V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com