Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9315AL Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9315AL
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315AL Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9315AL Datasheet HTML 3Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 4Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 5Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 6Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 7Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 8Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 9Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 10Page - Holtek Semiconductor Inc HT9315AL Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
HT9315 Series
Rev. 1.20
7
October 1, 2002
Functional Description
Keyboard matrix
C1~C5 and R1~R4 form a keyboard matrix. Together
with a standard 4
´5 keyboard, the keyboard matrix is
used for dialing entries. In addition, the keyboard ma-
trix provides resistor option for different dialing specifi-
cation selections. The keyboard arrangement for each
of the HT9315 series are shown in the Keyboard Infor-
mation.
Tone frequency
Tone Name
Output Frequency (Hz)
% Error
Specified
Actual
R1
697
699
+0.29%
R2
770
766
-0.52%
R3
852
847
-0.59%
R4
941
948
+0.74%
C1
1209
1215
+0.50%
C2
1336
1332
-0.30%
C3
1477
1472
-0.34%
Note:% Error does not contain the crystal frequency drift
Dialing specification selection
Various dialing specifications can be selected by adding
resistors across keyboard matrix pins. The allowable
option resistor connections are shown on the table.
All the resistors are 330k
W. The resistor option functions
and the default specifications without option resistors
are listed below.
Option
Resistor
Option
Function
Default
(No Resistor)
RK12
Make/Break Ratio
Selection
40:60
RK13
Flash Function and
Flash Time Selection
Flash= control function
Flash time= 600ms
RK14
RK21
Pause & P
®T
Duration Selection
TP= 3.6s
TP®T= 3.6s
RK31
Pulse Number
Selection or IDD
Lock Selection
N or Keyboard
Operated Lock
RK41
RK51
Keypad Form
FormA
M/B ratio selection table
RK12
M/B Ratio (%)
No
40:60
Yes
33.3:66.6
Flash function/time (duration) selection table
· HT9315x
RK13
RK14
Flash
Function
Flash
Time (TF)
No
No
Control
600ms
No
Yes
Digit
600ms
Yes
No
Digit
98ms
Yes
Yes
Digit
300ms
· HT9315xL
RK13
RK14
Flash
Function
Flash
Time (TF)
No
No
Control
600ms
No
Yes
Control
600ms
Yes
No
Control
98ms
Yes
Yes
Control
300ms
Pause and P
®T duration selection table
RK21
TP (sec)
TP®T (sec)
No
3.6
3.6
Yes
2
1
Pulse number selection table
· This table shows pulse number selections for
HT9315x. The table for HT9315xL is used to select
IDD lock function.
RK31
RK41
Pulse
Number
No
No
N
No
Yes
N+1
Yes
No
10
-N
Yes
Yes
¾
K 5 1
R
K 1 4
R
K 1 2
R
K 2 1
R
K 3 1
R
K 4 1
R
C 1
C 2
C 3
C 4
K 1 3
R
R 1
R 2
R 3
R 4
C 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com