Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AA Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # S2AA
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

S2AA Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  S2AA Datasheet HTML 1Page - Diode Semiconductor Korea S2AA Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.01
0.1
1
10
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
TJ=25 C
O
Puise Width=300 S
1%DUTY CYCLE
0
20
40
60
80
100
1
10
100
0.01
0.001
0.1
TJ=125 C
TJ=75 C
TJ=25 C
O
O
O
0
50
Resistive or inductive
Load
60Hz Resistive or
Inductive load
P.C.B.MOUNTED
0.27''X0.27''(7.0X7.0mm)
THICK COPPERPAND AREAS
2.0
60
70
80
90
100 110 120 130 140 150
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
LEAD TEMPERATURE
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
S2AA---S2MA
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 PEAK FORWARD SURGE CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
f=1MHz
TJ=25
1.0
0
1
10
20
40
30
50
70
60
80
20
TJ
=50℃
8.3ms Single Half
Sine-Wave
24
1
0
81
00
40 60 80
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com