Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 49 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341IP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 45Page - Texas Instruments TLV2341IP Datasheet HTML 46Page - Texas Instruments TLV2341IP Datasheet HTML 47Page - Texas Instruments TLV2341IP Datasheet HTML 48Page - Texas Instruments TLV2341IP Datasheet HTML 49Page - Texas Instruments TLV2341IP Datasheet HTML 50Page - Texas Instruments TLV2341IP Datasheet HTML 51Page - Texas Instruments TLV2341IP Datasheet HTML 52Page - Texas Instruments TLV2341IP Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
–
+
VO
CL
VI
2.5 V
TA = 25°C
f = 1 kHz
VI(PP) = 1 V
– 2.5 V
–
+
R
P +
V
DD *
V
O
I
F )
I
L )
I
P
IP = Pullup Current
Required by the
Operational Amplifier
(typically 500
µA)
VO
VDD
RP
IP
IF
IL
RL
VI
R1
R2
Figure 103. Resistive Pullup to Increase VOH
Figure 104. Test Circuit for Output Characteristics
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
design be forward biased. Applied input and output voltage should not exceed the supply voltage by more that
300 mV. Care should be exercised when using capacitive coupling on pulse generators. Supply transients
should be shunted by the use of decoupling capacitors (0.1
µF typical) located across the supply rails as close
to the device as possible.
The current path established if latch-up occurs is usually between the positive supply rail and ground and can
be triggered by surges on the supply lines and/or voltages on either the output or inputs that exceed the supply
voltage. Once latch-up occurs, the current flow is limited only by the impedance of the power supply and the
forward resistance of the parasitic thyristor and usually results in the destruction of the device. The chance of
latch-up occurring increases with increasing temperature and supply voltages.
output characteristics
The output stage of the TLV2341 is designed to
sink and source relatively high amounts of current
(see Typical Characteristics). If the output is
subjected
to
a
short-circuit
condition,
this
high-current capability can cause device damage
under certain conditions. Output current capability
increases with supply voltage.
Although the TLV2341 possesses excellent
high-level output voltage and current capability,
methods are available for boosting this capability
if needed. The simplest method involves the use
of a pullup resistor (RP) connected from the output
to the positive supply rail (see Figure 103). There
are two disadvantages to the use of this circuit.
First, the NMOS pulldown transistor N4 (see
equivalent schematic) must sink a comparatively
large amount of current. In this circuit, N4 behaves
like a linear resistor with an on resistance between
approximately 60
Ω and 180 Ω, depending on
how hard the operational amplifier input is driven.
With very low values of RP, a voltage offset from
0 V at the output occurs. Secondly, pullup resistor
RP acts as a drain load to N4 and the gain of the
operational amplifier is reduced at output voltage
levels where N5 is not supplying the output
current.
All operating characteristics of the TLV2341 are measured using a 20-pF load. The device drives higher
capacitive loads; however, as output load capacitance increases, the resulting response pole occurs at lower
frequencies thereby causing ringing, peaking, or even oscillation (see Figures 105, 106 and 107). In many
cases, adding some compensation in the form of a series resistor in the feedback loop alleviates the problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com