Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IPWLE Datasheet(PDF) 27 Page - Texas Instruments

Part # TLV2341IPWLE
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341IPWLE Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV2341IPWLE Datasheet HTML 23Page - Texas Instruments TLV2341IPWLE Datasheet HTML 24Page - Texas Instruments TLV2341IPWLE Datasheet HTML 25Page - Texas Instruments TLV2341IPWLE Datasheet HTML 26Page - Texas Instruments TLV2341IPWLE Datasheet HTML 27Page - Texas Instruments TLV2341IPWLE Datasheet HTML 28Page - Texas Instruments TLV2341IPWLE Datasheet HTML 29Page - Texas Instruments TLV2341IPWLE Datasheet HTML 30Page - Texas Instruments TLV2341IPWLE Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (MEDIUM-BIAS MODE)
Figure 48
100
50
25
0
02
4
150
175
200
68
125
75
VDD – Supply Voltage – V
250
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VIC = 1 V
VO = 1 V
No Load
TA = – 40°C
TA = 25°C
TA = 85°C
Figure 49
75
50
25
0
–75
–50
–25
0
25
50
100
125
150
75
100
125
TA – Free-Air Temperature – °C
175
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VIC = 1 V
VO = 1 V
No Load
VDD = 5 V
VDD = 3 V
Figure 50
02
4
6
8
0.7
0.5
0.4
0.3
0.9
0.6
0.8
VIC = 1 V
VI(PP) = 1 V
AV = 1
RL = 100 kΩ
CL = 20 pF
TA = 25°C
VDD – Supply Voltage – V
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 51
0.7
0.5
0.4
0.3
0.9
0.6
0.8
– 75
– 50
– 25
0
25
50
75
100
125
VDD = 5 V
VDD = 3 V
VIC = 1 V
VI(PP) = 1 V
AV = 1
RL = 100 kΩ
CL = 20 pF
0.2
TA – Free-Air Temperature – °C
SLEW RATE
vs
FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com