Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5904TME-2.7/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5904TME-2.7/NOPB
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5904TME-2.7/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP5904TME-2.7/NOPB Datasheet HTML 1Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 2Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 3Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 4Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 5Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 6Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5904TME-2.7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LP5904
SNVS637G – MARCH 2011 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(–40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP5904 Typical Application Circuit with: VIN = VOUT
(NOM) + 1.0V, VEN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, IOUT = 1.0 mA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage
2.2
5.5
V
VIN = (VOUT(NOM) + 1.0V) to 5.5V,
Output Voltage Tolerance
–2
2
%
IOUT = 1mA to 200 mA
VIN = (VOUT(NOM) + 1.0V) to 5.0V,
0.06
IOUT = 1 mA
ΔVOUT
Line Regulation
%/V
VIN = (VOUT(NOM) + 1.0V) to 5.5V,
0.16
IOUT = 1 mA
Load Regulation
IOUT = 1mA to 200 mA
0.002
%/mA
Load Current
See (3)
0
200
ILOAD
mA
Maximum Output Current
200
VEN = 1.2V, IOUT = 0 mA
11
20
IQ
Quiescent Current(4)
VEN = 1.2V, IOUT = 200 mA
250
325
µA
VEN = 0.3V (Disabled)
0.2
1.0
IG
Ground Current(5)
IOUT = 0 mA (VEN = 1.2V)
12.2
µA
IOUT = 100 mA
45
VDO
Dropout Voltage(6)
mV
IOUT = 200 mA
95
150
ISC
Short Circuit Current Limit
See (7)
220
450
mA
f = 100 Hz, IOUT = 10 mA
88
f = 1 kHz, IOUT = 10 mA
80
Power Supply Rejection
PSRR
f = 10 kHz, IOUT = 10 mA
70
dB
Ratio(8)
f = 100 kHz, IOUT = 10 mA
50
f = 2MHz, IOUT = 10 mA
30
IOUT = 1mA
10
BW = 10 Hz to 100
eN
Output Noise Voltage(8)
µVRMS
kHz
IOUT = 200 mA
6.5
Temperature
160
TSHUTDOWN
Thermal Shutdown
°C
Hysteresis
15
LOGIN INPUT THRESHOLDS
VIL
Low Input Threshold (VEN)
VIN = 2.2V to 5.5V
0.4
V
VIH
High Input Threshold (VEN)
VIN = 2.2V to 5.5V
1.2
V
VEN = 5.5V and VIN = 5.5V
5.5
IEN
Input Current at VEN Pin
(9)
µA
VEN = 0.0V and VIN = 5.5V
0.001
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not specified, but do represent the most
likely norm.
(3)
The device maintains a stable, regulated output voltage without a load current.
(4)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(5)
Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device.
(6)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value. This specification does not apply for input voltages below 2.2V.
(7)
Short Circuit Current is measured with VOUT pulled to 0V and VIN worst case = 5.5V.
(8)
This specification is ensured by design.
(9)
There is a 1M
Ω resistor between VEN and ground on the device.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com