Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5910 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Current
limit
EA
Bandgap
IN
OUT
VIN
EN
Control
EN
Output
discharge
GND
11
LP5910
www.ti.com
SNVSA91C – SEPTEMBER 2015 – REVISED JUNE 2016
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP5910 is a linear regulator capable of supplying 300-mA output current. Designed to meet the requirements
of RF and analog circuits, the LP5910 device provides low noise, high PSRR, low quiescent current, and low
line/load transient response figures. Using new innovative design techniques the LP5910 offers class-leading
noise performance without a noise bypass capacitor and the option for remote output capacitor placement.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 No-Load Stability
The LP5910 remains stable and in regulation with no external load.
7.3.2 Thermal Overload Protection
The LP5910 contains a thermal shutdown protection circuit to turn off the output current when excessive heat is
dissipated in the LDO. Thermal shutdown occurs when the thermal junction temperature (TJ) of the main pass-
FET exceeds 160°C (typical). Thermal shutdown hysteresis assures that the LDO again resets (turns on) when
the temperature falls to 145°C (typical).
7.3.3 Short-Circuit Protection
The LP5910 contains internal current limit which reduces output current to a safe value if the output is
overloaded or shorted. Depending upon the value of VIN, thermal limiting may also become active as the average
power dissipated causes the die temperature to increase to the limit value (about 160°C). The hysteresis of the
thermal shutdown circuitry can result in a cyclic behavior on the output as the die temperature heats and cools.
7.3.4 Output Automatic Discharge
The LP5910 output employs an internal 160-Ω (typical) pulldown resistance to discharge the output when the EN
pin is low, and the device is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com